Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4501 Datasheet HTML 9Page - Texas Instruments THS4501 Datasheet HTML 10Page - Texas Instruments THS4501 Datasheet HTML 11Page - Texas Instruments THS4501 Datasheet HTML 12Page - Texas Instruments THS4501 Datasheet HTML 13Page - Texas Instruments THS4501 Datasheet HTML 14Page - Texas Instruments THS4501 Datasheet HTML 15Page - Texas Instruments THS4501 Datasheet HTML 16Page - Texas Instruments THS4501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
13
TYPICAL CHARACTERISTICS (
±5 V Graphs)
Figure 37
58
49
50
51
52
53
54
55
56
57
−40−30−20−10 0
10 20 30 40 50 60 70 80 90
OPEN-LOOP GAIN
vs
CASE TEMPERATURE
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V
Figure 38
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
VS = ±5 V
IIB+
IOS
Case Temperature −
°C
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
IIB−
Figure 39
0
5
10
15
20
25
30
35
0 0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C
Figure 40
0
1
3
4
6
7
−40 −30−20−10 0 1020304050 60708090
Case Temperature −
°C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
VS = ±5 V
2
5
Figure 41
−6 −5 −4 −3 −2 −1 0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
100
110
Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = ±5 V
Figure 42
−150
−100
−50
0
50
100
150
200
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
OUTPUT DRIVE
vs
CASE TEMPERATURE
Case Temperature −
°C
VS = ±5 V
Source
Sink
Figure 43
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−3.5
−2.5 −1.5 −0.5
0.5
1.5
2.5
3.5
VOC − Output Common-Mode Voltage − V
HARMONIC DISTORTION
vs
OUTPUT COMMON-MODE VOLTAGE
Single-Ended and Differential
Input to Differential Output
Gain = 1, VO = 2 VPP
f= 8 MHz, Rf = 392 Ω
VS = ±5 V
HD2
-Diff
HD2-SE
HD3-Diff
HD3-SE
Figure 44
−3
−2
−1
0
1
2
3
1
10
100
1000
SMALL SIGNAL FREQUENCY RESPONSE
at VOCM
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN= −20 dBm
VS = ±5 V
Figure 45
−600
−400
−200
0
200
400
600
−5 −4 −3 −2 −1
0
1
2
3
4
5
VOC − Output Common-Mode Voltage − V
OUTPUT OFFSET VOLTAGE at VOCM
vs
OUTPUT COMMON-MODE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com