Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJM4558C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TJM4558C
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TJM4558C Datasheet(HTML) 3 Page - STMicroelectronics

  TJM4558C Datasheet HTML 1Page - STMicroelectronics TJM4558C Datasheet HTML 2Page - STMicroelectronics TJM4558C Datasheet HTML 3Page - STMicroelectronics TJM4558C Datasheet HTML 4Page - STMicroelectronics TJM4558C Datasheet HTML 5Page - STMicroelectronics TJM4558C Datasheet HTML 6Page - STMicroelectronics TJM4558C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TJM4558
3/7
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
90
77
dB
ICC
Supply Current, all amplifiers, no load
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
2.3
4
4.5
mA
Vicm
Input Common Mode Voltage Range
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common-mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
90
70
dB
Ios
Output Short Circuit Current
10
20
mA
Vo
Output Voltage Swing
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin. ≤ Tamb ≤ Tmax.
RL = 10kΩ
RL = 2kΩ
±12
±10
±12
±10
±14
±13
V
SR
Slew Rate
(Vi = ±10, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
2.2
V/µs
tr
Rise Time
(Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
0.3
µs
KOV
Overshoot
(Vi = ±20mV, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
15
%
Ri
Input Resistance
0.3
2
M
Ci
Input Capacitance
1.4
pF
Ro
Output Resistance
75
B
Unity Gain Bandwidth
2.8
MHz
GBP
Gain Bandwidth Product
(Vi = 10mV, RL = 2kΩ, CL = 100pF, f = 100kHz, Tamb = 25°C)
5.5
MHz
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, Tamb = 25°C)
0.008
%
en
Equivalent Input Noise Voltage (RS = 100Ω, f = 1kHz)
12
VO1/VO2 Channel Separation
120
dB
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com