Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6000 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320C6000
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320C6000 Datasheet HTML 77Page - Texas Instruments TMS320C6000 Datasheet HTML 78Page - Texas Instruments TMS320C6000 Datasheet HTML 79Page - Texas Instruments TMS320C6000 Datasheet HTML 80Page - Texas Instruments TMS320C6000 Datasheet HTML 81Page - Texas Instruments TMS320C6000 Datasheet HTML 82Page - Texas Instruments TMS320C6000 Datasheet HTML 83Page - Texas Instruments TMS320C6000 Datasheet HTML 84Page - Texas Instruments TMS320C6000 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
81
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SYNCHRONOUS-BURST MEMORY TIMING (CONTINUED)
switching characteristics over recommended operating conditions for synchronous-burst SRAM
cycles†‡ (see Figure 32 and Figure 33) [C6711C/C6711D]
NO.
PARAMETER
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
1
td(EKOH-CEV)
Delay time, ECLKOUT high to CEx valid
1.2
7
ns
2
td(EKOH-BEV)
Delay time, ECLKOUT high to BEx valid
7
ns
3
td(EKOH-BEIV)
Delay time, ECLKOUT high to BEx invalid
1.2
ns
4
td(EKOH-EAV)
Delay time, ECLKOUT high to EAx valid
7
ns
5
td(EKOH-EAIV)
Delay time, ECLKOUT high to EAx invalid
1.2
ns
8
td(EKOH-ADSV)
Delay time, ECLKOUT high to ARE/SDCAS/SSADS valid
1.2
7
ns
9
td(EKOH-OEV)
Delay time, ECLKOUT high to, AOE/SDRAS/SSOE valid
1.2
7
ns
10
td(EKOH-EDV)
Delay time, ECLKOUT high to EDx valid
7
ns
11
td(EKOH-EDIV)
Delay time, ECLKOUT high to EDx invalid
1.2
ns
12
td(EKOH-WEV)
Delay time, ECLKOUT high to AWE/SDWE/SSWE valid
1.2
7
ns
† The C6711/C6711B/C6711C/C6711D SBSRAM interface takes advantage of the internal burst counter in the SBSRAM. Accesses default to
incrementing 4-word bursts, but random bursts and decrementing bursts are done by interrupting bursts in progress. All burst types can sustain
continuous data flow.
‡ ARE/SDCAS/SSADS, AOE/SDRAS/SSOE, and AWE/SDWE/SSWE operate as SSADS, SSOE, and SSWE, respectively, during SBSRAM
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com