Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65010RGZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65010RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010RGZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65010RGZ Datasheet HTML 2Page - Texas Instruments TPS65010RGZ Datasheet HTML 3Page - Texas Instruments TPS65010RGZ Datasheet HTML 4Page - Texas Instruments TPS65010RGZ Datasheet HTML 5Page - Texas Instruments TPS65010RGZ Datasheet HTML 6Page - Texas Instruments TPS65010RGZ Datasheet HTML 7Page - Texas Instruments TPS65010RGZ Datasheet HTML 8Page - Texas Instruments TPS65010RGZ Datasheet HTML 9Page - Texas Instruments TPS65010RGZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
www.ti.com
(1)
I
O(AC) +
KSET
V
(SET)
R
(ISET)
ELECTRICAL CHARACTERISTICS
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
ELECTRICAL CHARACTERISTICS (continued)
V
I(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0
°C < T
A < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Load regulation
IO = 10 mA to 200 mA
0.011
%/mA
Load change from 10% to 90%
0.1
Regulation time
ms
Low-power mode
0.1
I(QFP)
LDO quiescent current (each LDO)
Full-power mode
16
30
µA
I(QLPM)
LDO quiescent current (each LDO)
Low-power mode
12
18
µA
IO(SD)
LDO shutdown current (each LDO)
0.1
1
µA
Ilkg(FB)
Leakage current feedback
0.01
0.1
µA
Battery Charger, V
O(REG) + V(DO-MAX) ≤ V(CHG) = V(AC) or V(USB), I(TERM) < IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(AC)
Input voltage range
4.5
5.5
V
V(USB)
Input voltage range
4.35
5.25
V
ICC(VCHG)
Supply current
V(CHG) > V(CHG)min
1.2
2
mA
Sum of currents into VBAT pin,
ICC(SLP)
Sleep current
V(CHG) < V(SLP-ENTRY),
2
5
µA
0
°C≤ T
J ≤ 85°C
Current into USB pin
40
ICC(STBY)
Standby current
µA
Current into AC pin
200
400
VOLTAGE REGULATOR
VO
Output voltage
V(CHG)min ≥ 4.5 V
4.15
4.20
4.25
V
VO(REG) + V(DO-MAX) ≤ V(CHG),
Dropout voltage (V(AC) - VBAT)
500
800
IO(OUT) = 1 A
VO(REG) + V(DO-MAX)≤ V(CHG),
VDO
Dropout voltage (V(USB) - VBAT)
300
500
mV
IO(OUT) = 0.5 A
VO(REG) + V(DO-MAX) ≤ V(CHG),
Dropout voltage (V(USB) - VBAT)
100
150
IO(OUT) = 0.1 A
CURRENT REGULATION
VCHG ≥ 4.5V, VI(OUT) > V(LOWV),
IO(AC)
Output current range for ac operation(1)
100
1000
mA
V(AC) - VI(BAT)> V(DO-MAX)
Output current set voltage for ac operation at ISET
pin. 100% output current I2C register
2.45
2.50
2.55
CHGCONFIG<4:3> = 11
75% output current I2C register CHGCONFIG<4:3> =
1.83
1.91
1.99
Vmin ≥ 4.5V, VI(BAT) > V(LOWV), V(AC) -
10
V(SET)
V
VI(BAT) > V(DO-MAX)
50% output current I2C register CHGCONFIG<4:3> =
1.23
1.31
1.39
01
32% output current I2C register CHGCONFIG<4:3> =
0.76
0.81
0.86
00
KSET
Output current set factor for ac operation
100 mA < IO < 1000 mA
310
330
350
mA
V(CHG)min ≥ 4.35 V, VI(BAT) > V(LOWV),
V(USB) - VI(BAT)> V(DO-MAX),
80
100
I2C register CHGCONFIG<2> = 0
IO(USB)
Output current range for USB operation
mA
V(CHG)min ≥ 4.5 V, VI(BAT) > V(LOWV),
VUSB - VI(BAT) > V(DO-MAX),
400
500
I2C register CHGCONFIG<2> = 1
R(ISET)
Resistor range at ISET pin
825
8250
Ω
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com