Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5V330 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5V330
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5V330 Datasheet(HTML) 1 Page - Texas Instruments

  TS5V330 Datasheet HTML 1Page - Texas Instruments TS5V330 Datasheet HTML 2Page - Texas Instruments TS5V330 Datasheet HTML 3Page - Texas Instruments TS5V330 Datasheet HTML 4Page - Texas Instruments TS5V330 Datasheet HTML 5Page - Texas Instruments TS5V330 Datasheet HTML 6Page - Texas Instruments TS5V330 Datasheet HTML 7Page - Texas Instruments TS5V330 Datasheet HTML 8Page - Texas Instruments TS5V330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Differential Gain and Phase
(DG = 0.64%, DP = 0.1 Degrees Typ)
D Wide Bandwidth (BW = 300 MHz Min)
D Low Crosstalk (XTALK = −63 dB Typ)
D Low Power Consumption
(ICC = 3 µA Max)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron = 3 Ω Typ)
D VCC Operating Range From 4.5 V to 5.5 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Provide
Undershoot Clamp Diode
D Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both RGB and
Composite-Video Switching
description/ordering information
The TI TS5V330 video switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (EN) input.
When EN is low, the switch is enabled and the D port is connected to the S port. When EN is high, the switch
is disabled and the high-impedance state exists between the D and S ports. The select (IN) input controls the
data path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS5V330RGYR
TE330
SOIC − D
Tube
TS5V330D
TS5V330
−40
°C to 85°C
SOIC − D
Tape and reel
TS5V330DR
TS5V330
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
TS5V330DBQR
TE330
TSSOP − PW
Tube
TS5V330PW
TE330
TSSOP − PW
Tape and reel
TS5V330PWR
TE330
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DBQ, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
EN
S2D
S2D
DD
S1C
S2C
S1A
S2A
DA
S1B
S2B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
S1A
S2A
DA
S1B
S2B
DB
GND
VCC
EN
S1D
S2D
DD
S1C
S2C
DC
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TS5V330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5V330 TI-TS5V330 Datasheet
907Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
713Kb / 24P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI2-TS5V330 Datasheet
957Kb / 29P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
REVISED JUNE 2009
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI2-TS5V330C Datasheet
790Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
REVISED DECEMBER 2009
More results

Similar Description - TS5V330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
09-Sep-2005
logo
Texas Instruments
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com