Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM200CK02AS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # DM200CK02AS
Description  SEMICONDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

DM200CK02AS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  DM200CK02AS Datasheet HTML 1Page - KEC(Korea Electronics) DM200CK02AS Datasheet HTML 2Page - KEC(Korea Electronics) DM200CK02AS Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
SEMICONDUCTOR
TECHNICAL DATA
DM200CK02AS
200V/200A
2-PACK DIODE MODULE (common-cathode)
FEATURES
・Schottky Barrier Diode
・Low V
F
・Low turn-off loss
APPLICATION
・General purpose converter
・Optimized for HEV low voltage DC-DC converter
MAXIMUM RATING (@Tj=25
℃ Per Leg)
2012. 12. 04
Revision No : 1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum D.C. Reverse Voltage
VR
200
V
Maximum Peak Repetitive Reverse Voltage
VRRM
Maximum Working Peak Reverse Voltage
VRWM
Maximum Average Forward Current
Tj=125℃, Duty Cycle =0.5
IF(AV)
240
A
RMS Forward Current
Square wave, 50% duty
IF(RMS)
600
Non-Repetitive Forward Surge Current
Tj=45℃, 8.3ms
IFSM
2,000
Storage Temperature Range
TSTG
-55 to 150
℃
Maximum Operating Junction temperature
Tj
150
Weight of Module
Weight
125
g
Mounting torque with screw : M4
Md
2.0
N.m
Terminal Connection torque : M4
2.0
N.m
OUTLINE DRAWING
INTERNAL CIRCUIT
Unit : mm


Similar Part No. - DM200CK02AS

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DM200 CYNERGY3-DM200 Datasheet
1Mb / 1P
Depth gauging system
logo
Finisar Corporation.
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-1 FINISAR-DM200-01-1 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-2 FINISAR-DM200-01-2 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM200CK02AS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com