Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D35F/PI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA78D35F/PI
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D35F/PI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA78D35F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D35F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D35F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D35F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D35F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D35F/PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2009. 2. 10
3/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, IO=0.5A, Ta=25
, Note1.)
Note1) VIN of KIA78D25=4.2V,
VIN of KIA78D33=5.0V,
VIN of KIA78D35=5.2V,
VIN of KIA78D05=7V,
VIN of KIA78D06=8V,
VIN of KIA78D08=10V,
VIN of KIA78D09=15V,
VIN of KIA78D10=16V,
VIN of KIA78D12=18V
VIN of KIA78D15=21V
Note2) VIN of KIA78D25=3.2 10V,
VIN of KIA78D33=4.0 10V,
VIN of KIA78D35=4.2 10V,
VIN of KIA78D05=6 12V,
VIN of KIA78D06=7 15V,
VIN of KIA78D08=9 25V,
VIN of KIA78D09=10 25V
VIN of KIA78D10=11 26V,
VIN of KIA78D12=13 29V
VIN of KIA78D15=16 32V
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA78D25
VO
-
2.438
2.50
2.562
V
KIA78D33
-
3.220
3.30
3.380
KIA78D35
-
3.413
3.50
3.587
KIA78D05
-
4.88
5.0
5.12
KIA78D06
-
5.85
6.0
6.15
KIA78D08
-
7.80
8.0
8.2
KIA78D09
-
8.78
9.0
9.22
KIA78D10
-
9.75
10.0
10.25
KIA78D12
-
11.70
12.0
12.30
KIA78D15
-
14.70
15.0
15.30
Load Regulation
Reg Load
5mA
IOUT 1A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Ripple Rejection
R
R
-
45
55
-
dB
Dropout Voltage
VD
VIN =0.95VOUT, IO=1A
-
-
0.5
V
Quiescent Current
IQ
IOUT=0A
-
-
10
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com