Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D05F/PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D05F/PI
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D05F/PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D05F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D05F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D05F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D05F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D05F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D05F/PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009. 2. 10
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA78D25F/PI~78D15F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 8
3 TERMINAL LOW DROP OUTPUT
VOLTAGE REGULATOR
The KIA78D
Series are fixed positive output low dropout
type, 3-pin voltage regulators with positive outout.
These regulators are used to provide a stabilized output voltage from
a fluctuating DC input voltage.
These are 12 fixed output voltage, as follows ; 2.5V, 3.3V, 3.5V,
5V, 6V, 8V, 9V, 10V, 12V, and 15V.
The maximum current capacity is 1A for each of the above voltage.
FEATURES
Built in over voltage protection circuit, over current protection
circuit and thermal shut down circuit.
Richly diverse Lineup.
Low minimum I/O voltage differential.
LINE UP
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. GND
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
2 GND
DIM
MILLIMETERS
1. INPUT
2. GND
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
Φ
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
PACKAGE
KIA78D25F/PI
2.5
V
F : DPAK
PI : TO-220IS
KIA78D33F/PI
3.3
KIA78D35F/PI
3.5
KIA78D05F/PI
5
KIA78D06F/PI
6
KIA78D08F/PI
8
KIA78D09F/PI
9
KIA78D10F/PI
10
KIA78D12F/PI
12
KIA78D15F/PI
15


Similar Part No. - KIA78D05F/PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D05F/PI KEC-KIA78D05F/PI Datasheet
893Kb / 6P
SEMICONDUCTOR
More results

Similar Description - KIA78D05F/PI

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com