Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R015F/PI Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA78R015F/PI
Description  SEMICONDUCTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015F/PI Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA78R015F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2005. 11. 8
8/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
Fig. 3 Ripple Rejection Test Circuit (Adjustable-Type)
Specific IC
4
1
3
2
ON/OFF
signal
COUT
VOUT
High
: Output ON
Low or Open : Output OFF
CMOS or TTL
IN
V
Fig. 5 Application Circuit for Standard (Fixed-Type)
V
0.33
µF
RL
e o
VIN
47
µF
Fig. 4 Ripple Rejection Test Circuit (Fixed-Type)
e i
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
A
A
V
0.33
µF
I
R
I
Q
L
R1
1ΚΩ
R2
o
IN
10µF
V
ei
+
_
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
e o
IQ
+
_
+
_
C IN
VIN
VOUT
Adj
GND
VIN
VOUT
GND
A
CIN : More than 0.33 F required if regulator is located an appreciable distance from power supply filter.
You must use to prevent from the parasitic oscillation.
COUT : More than 47 F. You must use the Low-impedance-type(low ESR) capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com