Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R018F/PI Datasheet(PDF) 9 Page - KEC(Korea Electronics)

Part # KIA78R018F/PI
Description  SEMICONDUCTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R018F/PI Datasheet(HTML) 9 Page - KEC(Korea Electronics)

Back Button KIA78R018F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2005. 11. 8
9/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
00.8
1
0.2
0.4
0.6
JUNCTION TEMPERATURE T ( C)
OUT
Fig. 6 V
- Tj
3.2
3.1
3.3
3.4
50
150
050
100
3.5
KIA78R033F/PI
V
=5.3V
I
=5mA
IN
OUT
j
OUT
Fig. 7 V
- VIN
1
0
2
3
08
24
6
4
KIA78R033F/PI
INPUT VOLTAGE V
(V)
IN
T =25 C
j
B
Fig. 8 I
- V
IN
2
0
4
6
08
24
6
10
KIA78R033F/PI
INPUT VOLTAGE V
(V)
IN
T =25 C
j
8
B
Fig. 9 I
- Tj
4
0
8
12
50
150
050
100
20
16
JUNCTION TEMPERATURE T ( C)
j
KIA78R033F/PI
V
=5.3V
IN
OUT
Fig. 11 V
- I
1
0
2
3
02
0.5
1
1.5
4
OUT
KIA78R033F/PI
V
=5.3V
IN
T =25 C
j
OUT
OUTPUT CURRENT I
(A)
OUT
OUTPUT CURRENT I
(A)
B
Fig. 10 I
- I
OUT
4
0
8
12
20
16
KIA78R033F/PI
V
=5.3V
IN
T =25 C
j
I
=10mA
OUT
I
=0.5A
OUT
I
=1A
OUT
I
=0.5A
OUT
I
=0.1A
OUT
I
=10mA
OUT
I
=0A
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com