Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA324P/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA324P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA324P/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA324P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA324P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA324P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA324P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 3. 7
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIA324P/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 2
QUAD OPERATIONAL AMPLIFIER
・In the Linear Mode the Input Common Mode Voltage
Range Includes Ground.
・Four Internally Compensated OP Amps are in Single Package.
・Low Power Dissipation and Power Drain Suitable for Battery Operation.
・Differential Input Voltage Range Equal to the Power Supply Voltage.
・Wide Power Supply Voltage Range and Signal Power Supply
: Single Supply 3VDC to 36VDC
Dual Supplies ±1.5VDC to ±18VDC.
・Large Output Voltage Swing : OV
DC to VCC-1.5VDC
・Low Input Biasing Current : I
I=45nA(Typ.).
14
8
1
7
Q
DIP-14
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
4.0 0.4
3 - 11
1.46 0.2
W
19.2 0.3
6.35 0.3
0.46 0.1
3.3 0.3
2.54
0.25+0.11/1-0.05
Q
+
_
+
_
0.6 0.3
+
_
+
_
+
_
+
_
+
_
7.9 0.4
+
_
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PIN CONNECTION (TOP VIEW)
OUT A
-IN A
+IN A
VCC
+IN B
-IN B
OUT B
OUT C
-IN C
+IN C
VEE
+IN D
-IN D
OUT D
A
-
+
D
+ -
B
-
+
C
+
-
FLP-14
L
1
7
8
14
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
8.66 0.2
B2
G
H
L
D
A
B1
DIM
6.00 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_


Similar Part No. - KIA324P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA324P/F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com