Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA378R000FP-PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA378R000FP-PI
Description  SEMICONDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R000FP-PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA378R000FP-PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R000FP-PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R000FP-PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R000FP-PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R000FP-PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2008. 2. 5
1/5
Revision No : 1
SEMICONDUCTOR
TECHNICAL DATA
KIA378R000FP/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
3A ADJUSTABLE-TYPE LOW DROPOUT VOLTAGE
REGULATOR WITH OUTPUT ON/OFF CONTROL
FUNCTION. [Low Quiescent Current Type]
FEATURES
3.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current, Over Heat Protection Function,
ASO Proteection Functions.
Low Quiescent Current (Output OFF mode) : 0.5 A(Typ.)
Adjustable Output Voltage Type : VOUT=1.5~7V
Low Voltage Operation : Vopr(min.)=2.35V.
LINE UP
D PAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
9.8 0.2
8.8 0.2
8.0
15 0.3
5.0 0.2
1.7 0.1
4.0 0.2
1.27 0.13
0.5 0.15
0~0.25
2.3 0.3
A
F
I
J
L
F
J
L
M
N
O
0~0.15
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
0.8 0.1
G
+
_
6.7
K
Q
R
1.27 0.1
+
_
7.85
+
_
C
K
Q
G
R
N
M
O
2
1
INPUT (VIN)
ON/OFF CONTROL (VC)
2
OUTPUT (VO)
3
4
GND
5
12
34
5
Heat Sink is common to
(Vo)
2
ADJUSTABLE(Adj.)
MAXIMUM RATINGS (Ta=25
)
A
L
D
M
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
5
8
1
INPUT (VIN)
2
OUTPUT (VO)
3
4
GND
ADJUSTABLE(Adj.)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
7
V
ON/OFF Control Voltage
VC
7
V
Output Adjustment Terminal Voltage
VADJ
5
V
Output Current
IOUT
3.0
A
Power Dissipation 1
(No Heatsink)
FP
PD1
2.0
W
PI
1.5
Power Dissipation 2
(Infinite Heatsink)
FP
PD2
35
W
PI
15
Junction Temperature
Tj
150
Operating Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
125
ITEM
OUTPUT VOLTAGE (Typ.)
PACKAGE
KIA378R000FP
Adjustable (1.5~7.0)
D
2PAK-5
KIA278R000PI
Adjustable (1.5~7.0)
TO-220IS-4


Similar Part No. - KIA378R000FP-PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R000FP KEC-KIA378R000FP Datasheet
603Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R000FP KEC-KIA378R000FP Datasheet
608Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R000FP KEC-KIA378R000FP_15 Datasheet
608Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA378R000FP-PI

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com