Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA378R025FP/PI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA378R025FP/PI
Description  SEMICONDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R025FP/PI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA378R025FP/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA378R025FP/PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2005. 1. 27
4/8
KIA378R015FP/PI~KIA378R050FP/PI
Revision No : 0
ELECTRICAL CHARACTERISTICS (KIA378R015)
(Unless otherwise specified, VIN=5V, IO=1.75A, connects VO(SENSE) terminal to VO terminal, Ta=25
.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
VIN
-
2.35
-
7
V
Output Voltage
VO
Contacts VO(SENSE) terminal
to Vo terminal
1.45
1.50
1.55
V
Load Regulation
Reg Load
IO=5mA
3.5A
-
0.2
1
%
Line Regulation
Reg Line
VIN=2.5V~5.5V, IO=5mA
-
0.05
0.1
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
, IO=5mA
-
0.02
0.05
%/
Ripple Rejection
R
R
IOUT=0.5A, f=120Hz,
Vripple=0.5Vrms, VIN=3.3V
60
70
-
dB
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
1
2
mA
Quiescent Current (OFF Mode)
IQ(OFF)
VC=0.4V
-
0.1
5
A
ELECTRICAL CHARACTERISTICS (KIA378R018)
(Unless otherwise specified, VIN=5V, IO=1.75A, connects VO(SENSE) terminal to VO terminal, Ta=25
.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
VIN
-
2.35
-
7
V
Output Voltage
VO
Contacts VO(SENSE) terminal
to Vo terminal
1.75
1.8
1.85
V
Load Regulation
Reg Load
IO=5mA
3.5A
-
0.2
1
%
Line Regulation
Reg Line
VIN=2.5V~5.5V, IO=5mA
-
0.05
0.1
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
, IO=5mA
-
0.02
0.05
%/
Ripple Rejection
R
R
IOUT=0.5A, f=120Hz,
Vripple=0.5Vrms, VIN=3.3V
60
70
-
dB
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
1
2
mA
Quiescent Current (OFF Mode)
IQ(OFF)
VC=0.4V
-
0.1
5
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com