Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA431BA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431BA
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431BA Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BA Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2016. 03. 23
2/6
KIA431AA/BA/CA Series
Revision No : 3
LINE UP
ORDERING INFORMATION
KIA431
Pb-Free / Halogen-Free
Packing Specification
Pin Configuration <SOT-23(2) Only>
Package code
Imin Specification
Vref Tolerance code
Type No.
Operating Voltage(V)
Package
Marking
KIA431AA
2.5 ~ 36
TO-92(1)
-
KIA431BA
KIA431CA
KIA431AAM
SOT-23(2)
4AA
KIA431BAM
4BA
KIA431CAM
4CA
KIA431AAM2
41A
KIA431BAM2
41B
KIA431CAM2
41C
Vref Tolerance code
Imin Code
Package Code
Pin Configuration
<SOT-23(2) only>
Packing Specification
Pb-Free /
Halogen-Free
A
±1.0%
Code
Spec.
Blank
TO-92(1)
Blank
A-Type
RTK
RTK type
P
Pb-Free
B
±0.5%
A
100uA (Max)
M
SOT-23(2)
2
B-Type
H
Halogen-Free
C
±0.3%
PIN ASSIGNMENTS
3
21
Cathode
Ref
Anode
(A-Type)
SOT-23(2)
3
21
Cathode
Ref
Anode
(B-Type)
SOT-23(2)
3
2
1
ANODE
REFERENCE
CATHODE
TO-92(1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com