Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117BS/BF/BPI00 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA1117BS/BF/BPI00
Description  SEMICONDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BS/BF/BPI00 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA1117BS/BF/BPI00 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BS/BF/BPI00 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BS/BF/BPI00 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BS/BF/BPI00 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BS/BF/BPI00 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2015. 12. 28
1/5
Revision No : 3
SEMICONDUCTOR
TECHNICAL DATA
KIA1117BS/BF/BPI00~
KIA1117BS/BF/BPI50
BIPOLAR LINEAR INTEGRATED CIRCUIT
LOW DROP FIXED AND ADJUSTABLE
POSITIVE VOLTAGE REGULATOR
The KIA1117BS/BF/BPI
×× Series are a Low Drop Voltage Regulator
able to provide up to 1A of output current, available even in adjustable
version (Vref=1.25V)
FEATURES
・Low Dropout Voltage : 1.1V/Typ. (Iout=1.0A)
・Very Low Quiescent Current : 5㎃(Typ)
・Output Current up to 1A
・Fixed Output Voltage of 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
・Adjustable Version Availability : Vref=1.25V
・Internal Current and Thermal Limit
・A Minimum of 10㎌ for stability
・Suitable for MLCC, Tantalum and Low ESR Electrolytic Capacitors
・ESR Range for stability : 1mΩ~200Ω
・Available in ±2%(at 25℃)
・High Ripple Rejection : 80dB(Typ)
・Temperature Range : -40℃~150℃
+
_
6.5
0.2
+
_
+
_
+
_
A
L
K
G
J
H
D
F
E
B
C
0.26+0.09/-0.02
10
MAX
0.1 MAX
1.75
0.25
3.0+0.15/-0.1
2.3 TYP
7
0.3
0.7+0.15/-0.1
1.8 MAX
3.5
0.2
DIM
MILLIMETERS
H
E
B
J
F
F
G
K
L
C
D
A
1. GND(Adj)
2. OUTPUT
3. INPUT
Heat Sink is common to
(Output)
1
2
3
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA1117BS/BF/BPI00
Adjustable (1.25~10V)
BS : SOT-223
BF : DPAK
BPI : TO-220IS
KIA1117BS/BF/BPI12
1.2
KIA1117BS/BF/BPI15
1.5
KIA1117BS/BF/BPI18
1.8
KIA1117BS/BF/BPI25
2.5
KIA1117BS/BF/BPI33
3.3
KIA1117BS/BF/BPI50
5.0
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60
0.2
6.10
0.2
5.0
0.2
1.10
0.2
2.70
0.2
2.30
0.1
1.00 MAX
2.30
0.2
0.50
0.1
2.00
0.20
0.50
0.10
E
0.91
0.10
M
0.90
0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. GND(Adj)
2. OUTPUT
3. INPUT
1.00
0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
(Output)
DIM
MILLIMETERS
1. GND(Adj)
2.
OUTPUT
3. INPUT
10.30 MAX
15.30 MAX
2.70
0.30
0.85 MAX
Φ3.20 0.20
3.00
0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60
0.50
3.90 MAX
1.5+0.25/-0.1
1.2+0.25/-0.1
2.54
4.50
0.20
6.80
2.60
0.20
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
2.60
0.15
V
U
D
A
C
+
_
+
_
+
_
+
_
+
_
+
_
+
_
10
25
5
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
15
V
Output Current
IOUT
1.0
A
Power Dissipation 1
(No Heatsink)
S (Note)
PD1
1.0
W
F
1.3
PI
2.0
Power Dissipation 2
(Infinite Heatsink)
S
PD2
8.3
W
F
13
PI
20.8
Maximum Junction Temperature
Tj(max)
150
Operating Junction Temperature
Topr
-40
~150
Storage Temperature
Tstg
-55
~150
Note) Package Mounted on FR-4 PCB 36
㎜×18㎜×1.5㎜.
: mounting pad for the GND Lead min. 6
SOT-223
DPAK
TO-220IS


Similar Part No. - KIA1117BS/BF/BPI00

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA1117BS/BF/BPI00 KEC-KIA1117BS/BF/BPI00 Datasheet
946Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA1117BS/BF/BPI00

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com