Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7905F/PI Datasheet(PDF) 15 Page - KEC(Korea Electronics)

Part # KIA7905F/PI
Description  SEMICONDUCTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7905F/PI Datasheet(HTML) 15 Page - KEC(Korea Electronics)

Back Button KIA7905F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 10Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 11Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 12Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 13Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 14Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 15Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 16Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2007. 9. 7
15/16
KIA7905F/PI~KIA7924F/PI
Revision No : 3
150
1
B
0
0
2
50
100
3
I
- T
RR - I
50
80
0
OUT
40
500
1000
-40
-30
-20
-10
0
0.5
SC
I
- V
1.0
0
IN
JUNCTION TEMPERATURE T
( C)
j
j
j
j
JUNCTION TEMPERATURE T
( C)
V
- T
9
100
50
6
0
0
OUT
3
150
OUTPUT CURRENT I
(mA)
OUT
60
V
=-10V (KIA7905)
IN
=-18V (KIA7912)
=-33V (KIA7924)
f=120Hz
INPUT VOLTAGE V
(V)
KIA
7924
4
5
KIA7905
KIA7912
12
15
KIA7905
KIA7912
70
1.5
2.0
KIA7912
KIA7905
T =25 C
j
0
D
V
- T
JUNCTION TEMPERATURE T
( C)
1
2
0
50
100
150
j
j
I
=1A
200mA
OUT
V =5% OF OUTPUT
VOLTAGE
O
0
AMBIENT TEMPERATURE Ta ( C)
0
THERMAL RESISTANCE
J-C
10.4
J-A
96.1
0mA
IN
3
6
9
12
15
40
80
120
160
200
C/W
Tc=25 C
PD - Ta (F-Type : DPAK)
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
PD2
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com