Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KID65082AP/AF Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KID65082AP/AF
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65082AP/AF Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KID65082AP/AF Datasheet HTML 1Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 2Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 3Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 4Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 5Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 6Page - KEC(Korea Electronics) KID65082AP/AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2009. 12. 16
4/7
KID65081AP/AF~KID65084AP/AF
Revision No : 2
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Leak
Current
ICEX
1
VCE=50V, Ta=25℃
-
-
50
μA
VCE=50V, Ta=85℃
-
-
100
KID65082AP/AF
VCE=50V, VIN=6V
-
-
500
KID65084AP/AF
VCE=50V, VIN=1V
-
-
500
Collector-Emitter Saturation Voltage
VCE(sat)
2
IOUT=350mA, IIN=500μ
A
-
1.3
1.6
V
IOUT=200mA, IIN=350μ
A
-
1.1
1.3
IOUT=100mA, IIN=250μ
A
-
0.9
1.1
Input Current
KID65082AP/AF
IIN(ON)
3
VIN=17V
-
0.82
1.25
mA
KID65083AP/AF
VIN=3.85V
-
0.93
1.35
KID65084AP/AF
VIN=5V
-
0.35
0.5
VIN=12V
-
1.0
1.45
IIN(OFF)
4
IOUT=500μ
A, Ta=85
℃
50
65
-
μA
Input Voltage
(Output On)
KID65082AP/AF
VIN(ON)
5
VCE=2V, IOUT=300mA
-
-
13
V
KID65083AP/AF
VCE=2V, IOUT=200mA
-
-
2.4
VCE=2V, IOUT=250mA
-
-
2.7
VCE=2V, IOUT=300mA
-
-
3.0
KID65084AP/AF
VCE=2V, IOUT=125mA
-
-
5.0
VCE=2V, IOUT=200mA
-
-
6.0
VCE=2V, IOUT=275mA
-
-
7.0
VCE=2V, IOUT=350mA
-
-
8.0
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
-
-
Clamp Diode Reverse Current
IR
6
Ta=25
℃ (*1)
-
-
50
μA
Ta=85
℃ (*1)
-
-
100
Clamp Diode Forward Voltage
VF
7
IF=350mA
-
-
2.0
V
Input Capacitance
CIN
-
15
-
pF
Turn-On Delay
tON
8
RL=120Ω, VOUT=50V
-
0.1
-
μs
Turn-Off Delay
tOFF
-
0.2
-
ELECTRICAL CHARACTERISTICS (Ta=25
℃, unless otherwise noted)
*1 VR=VR MAX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com