Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCWI02 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSCWI02
Description  DC/DC CONVERTER 2W, SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCWI02 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSCWI02 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCWI02 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCWI02 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCWI02 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCWI02 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSCWI02 SERIES
DC/DC CONVERTER 2W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/04/12 P7
Page 1 of 5
®
FEATURES
►Very Compact SMD Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500VDC
►Operating Ambient Temp. Range -40℃ to +80℃
►No Min. Load Requirement
►Overload and Short Circuit Protection
►Remote On/Off Control
►Water-washable Process Available(option)
►Qualified for Lead-free Reflow Solder Process According to IPC/JEDEC
J-STD-020D.1
►Tape & Reel Package Available
►UL/cUL/IEC/EN 62368-1 (60950-1) Safety Approval (Pending) & CE Marking
PRODUCT OVERVIEW
The MINMAX MSCWI02 series is a new range of isolated 2W dc-dc converter modules features ultra-wide input voltage ranges and fully regulated output
voltage. The product come in a SMD package with very small foortprint occupying only 0.3 in2 (0.2 cm2) of PCB space. The converters are qualified to
withstand lead free reflow processes according to IPC J-STD-020D.1 standard. High efficiency allows operating temperatures range of -40℃ to 80℃.
Further features include overload, short circuit protection, no min. load requirement and remote ON/OFF.
These DC/DC converters offer an economical solution for many space critical applications in battery-powered equipment, instrumentation, distributed power
architectures in communication and industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MSCWI02-05S05
5
(4.5 ~ 12)
5
400
500
40
1680
80
MSCWI02-05S12
12
167
477
820
84
MSCWI02-05S15
15
134
484
680
83
MSCWI02-05S24
24
83
474
390
84
MSCWI02-05D12
±12
±83
480
470#
83
MSCWI02-05D15
±15
±67
490
330#
82
MSCWI02-24S05
24
(9 ~ 36)
5
400
104
20
1680
80
MSCWI02-24S12
12
167
99
820
84
MSCWI02-24S15
15
134
99
680
85
MSCWI02-24S24
24
83
98
390
85
MSCWI02-24D12
±12
±83
100
470#
83
MSCWI02-24D15
±15
±67
101
330#
83
MSCWI02-48S05
48
(18 ~ 75)
5
400
53
10
1680
78
MSCWI02-48S12
12
167
51
820
82
MSCWI02-48S15
15
134
51
680
83
MSCWI02-48S24
24
83
49
390
84
MSCWI02-48D12
±12
±83
51
470#
82
MSCWI02-48D15
±15
±67
51
330#
82
# For each output


Similar Part No. - MSCWI02

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
DC/DC CONVERTER 3W, SMD Package
More results

Similar Description - MSCWI02

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
2W DC/DC CONVERTER, SMD-Package
SG02S DELTA-SG02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, SMD-Package, High isolation
PC02S DELTA-PC02S Datasheet
205Kb / 4P
2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
DC/DC CONVERTER 2W, SMD-Package
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
DC/DC CONVERTER 2W, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
2W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com