Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT86C926 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT86C926
Description  AMAZON PCI ETHERNET CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT86C926 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT86C926 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIA TECHNOLOGIES, INC.PRELIMINARY VT86C926
13
7. CONTROL AND STATUS REGISTERS
* VT86C926 supports the control and status registers of DP8390 except those explained as follows.
* VT86C926 supports all page 1 registers. Only part of Page 2 is supported.
* VT86C926 supports Early Transmit Underrun (ETUN)
* VT86C926 supports most of page 0 registers.
* The meaning and use of 01H (CLAD0) and 02H (CLAD1) of page 0 is altered.
* The 06H (FIFO port) of page 0 is not supported.
* The following control/status bits in page 0 are not supported:
--
(D3,D4,D5) == (0,1,1) of CR (00H) : Send Packet Command (RD0 - RD2)
--
D1 of DCR: Byte Order Select (BOS)
--
D2 of DCR: Long Address Select (LAS)
--
D4 of DCR: Auto-initialize Remote (ARM)
--
D5, D6 of DCR: FIFO Threshold Select (FT0 and FT1)
--
D4 of TCR: Collision Offset Enable (OFST)
--
D5 of TSR: FIFO Underrun (FU)
--
D7 of TSR: Out of Window Collision (OWC)
--
D3 of RSR: FIFO Overrun (FO)
8. POWER DOWN MODE
The
VT86C926
provides
an
one
level
power
down
mode.
The
BIOS
or
Network OS
device driver can configure Register A to diagnostic mode
then
set
the
Power-on
bit
of
the
diagnostic
port
to
"on."
When
the
VT86C926 is in Power down mode, all power to the analog port is cut off
and the chip clock is stopped.
Other registers are read only.
Only the
diagnostic port is read-writeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com