Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU302 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU302
Description  DC/DC CONVERTER 1W, High Isolation,SMD-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU302 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU302 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU302 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU302 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU302 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU302 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSLU300 SERIES
DC/DC CONVERTER 1W, High Isolation,SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/07/11 REV:12
Page 1 of 5
FEATURES
►Industrial SMD Package
►I/O Isolation 3000 VDC
►Operating Ambient Temp. Range -40°C to +90°C
►Water-washable Process Available(option)
►Qualified for Lead-free Reflow Solder Process
According to IPC/JEDEC J-STD-020D.1
►Tape & Reel Package Available
PRODUCT OVERVIEW
The MINMAX MSLU300 series is a range of 1W DC/DC converters in a SMD- Package featuring high I/O-isolation of 3000VDC.The very small footprint
makes this product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,in digital
interfaces or where a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. With a new package design these converters are fully qualified for the
higher temperature profile used in lead-free reflow solder processes. For automated SMD production lines the product can be supplied in tape& reel
package.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
μF
%
MSLU301
5
(4.5 ~ 5.5)
3.3
260
5
238
30
10
33
72
MSLU302
5
200
4
267
10
33
75
MSLU304
12
84
2
255
7
4.7
79
MSLU305
15
67
1.5
251
7
4.7
80
MSLU306
±5
±100
±2
267
10
10#
75
MSLU308
±12
±42
±0.8
255
7
2.2#
79
MSLU309
±15
±34
±0.7
255
7
2.2#
80
MSLU311
12
(10.8 ~ 13.2)
3.3
260
5
98
15
10
33
73
MSLU312
5
200
4
110
8
33
76
MSLU314
12
84
2
105
5
4.7
80
MSLU315
15
67
1.5
103
5
4.7
81
MSLU316
±5
±100
±2
110
8
10#
76
MSLU318
±12
±42
±0.8
105
5
2.2#
80
MSLU319
±15
±34
±0.7
106
5
2.2#
80
MSLU321
24
(21.6 ~ 26.4)
3.3
260
5
51
8
10
33
70
MSLU322
5
200
4
57
8
33
73
MSLU324
12
84
2
53
5
4.7
79
MSLU325
15
67
1.5
53
5
4.7
79
MSLU326
±5
±100
±2
57
8
10#
73
MSLU328
±12
±42
±0.8
53
5
2.2#
79
MSLU329
±15
±34
±0.7
54
5
2.2#
79
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
24V Input Models
-0.7
---
30
Input Filter
All Models
Internal Capacitor


Similar Part No. - MSLU302

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU302 MINMAX-MSLU302 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSLU302 MINMAX-MSLU302 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSLU302 TOTAL-POWER-MSLU302 Datasheet
459Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU302

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S DELTA-DA01S Datasheet
232Kb / 4P
1W DC/DC CONVERTER, DIP-Package, High Isolation
SA01D DELTA-SA01D Datasheet
202Kb / 4P
1W DC/DC CONVERTER, SMD-Package
SB01S DELTA-SB01S Datasheet
234Kb / 4P
1W DC/DC CONVERTER, SMD-Package, High Isolation
PD01S DELTA-PD01S Datasheet
207Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PI01S DELTA-PI01S Datasheet
294Kb / 5P
1W DC/DC CONVERTER, High isolation, SIP-Package
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
1W DC/DC CONVERTER, DIP-Package, High Isolation
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com