Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35C Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SL35C
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL35C Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SL35C Datasheet HTML 1Page - GOOD-ARK Electronics SL35C Datasheet HTML 2Page - GOOD-ARK Electronics SL35C Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
SL32C thru SL310C 
www.goodark.com                                  2 / 3
                                    rev.1 
 
ELECTRICAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
SL32C
SL33C
SL34C
SL35C
SL36C
SL37C
SL38C
SL39C
SL310
C
UNIT
Maximum
instantaneous
forward voltage
IF=3 A
VF
0.42
0.5
0.75
V
Maximum DC
reverse current at
rated DC blocking
voltage
TA=25℃
IR
0.2
0.05
mA
TA=100℃
50
4
Typical junction
capacitance
4.0 V, 1 MHz
CJ
220
pF
THERMAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32C
SL33C
SL34C
SL35C
SL36C
SL37C
SL38C
SL39C
SL310C
UNIT
Maximum thermal
resistance
RθJA (1)
52
75
°C/W
RθJT (2)
17
25
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
Notes
: (1) Thermal resistance from junction to ambient,0.315×0.315〃(8.0×8.0mm)copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.315×0.315
〃(8.0×8.0mm)copper pads to each terminal
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 2.Maximum Non‐repetitive Peak Forward Surge 
Current  
Figure 1. Forward Current Derating Curve 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com