Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60AF026DC13 Datasheet(PDF) 1 Page - ETRI

Part # 60AF026DC13
Description  AC High Performance Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

60AF026DC13 Datasheet(HTML) 1 Page - ETRI

  60AF026DC13 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
L-10 LIFE AT 40°C:
25 000 hours
Additional versions:
Salt spray protected - Shock and vibration protected - Marine specifications
Wide temperature range - Other voltages (consult factory)
Part Number
Nominal
voltage
Airflow
Nominal
speed
Input
power
Noise
level
Phases Capacitor
(not included)
Connection type
60AF026DC13
220
850
82
2900
50
3
385
1700
14000
X
-10
70
380
850
82
2900
50
3
385
1000
8100
X
-10
70
60AG0266C13
127
850
82
2900
50
1
445
4450
25000
X
-10
70
220
850
82
2900
50
1
445
2550
14500
X
-10
70
220
975
86
3350
60
1
580
2700
13000
X
-10
70
220
975
86
3350
60
3
555
1800
12200
X
-10
70
380
975
86
3350
60
3
555
1050
7100
X
-10
70
127
975
86
3350
60
1
580
4700
14500
X
-10
70
60AG0261C13
V
l/s
dB(A)
RPM
Hz
µF
W
mA
mA
Leads
Terminals
Min.°C
Max.°C
Life expectancy
Approvals
Frequency
Nominal
Current
Starting
Current
Operating
temperature
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: CFM
Airflow: l/s
AC Motor
Housing material:
Impeller material:
Weight: 13 kg
Bearing system: ball bearings
Available with:
- Safety switch
60A
Series
AC High Performance Fans
, NATO codification
60AF-AG
50 Hz
--- 60 Hz
Non recommended
zone
Ø 350 x 177 mm
Ø 13,78’’ x 6,97’’


Similar Part No. - 60AF026DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
60AF026DC13 ETRI-60AF026DC13 Datasheet
174Kb / 1P
AC High Performance Fans
More results

Similar Description - 60AF026DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
60CF016DC13 ETRI-60CF016DC13 Datasheet
74Kb / 1P
AC High Performance Fans
60CV216DC13 ETRI-60CV216DC13 Datasheet
165Kb / 1P
AC High Performance Fans
61GR116DC13 ETRI-61GR116DC13 Datasheet
185Kb / 1P
AC High Performance Fans
61GS016DC13 ETRI-61GS016DC13 Datasheet
176Kb / 1P
AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
AC High Performance Fans
97CJ116DC13 ETRI-97CJ116DC13 Datasheet
166Kb / 1P
AC High Performance Fans
80CE0161C13 ETRI-80CE0161C13_12 Datasheet
172Kb / 1P
AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
AC High Performance Fans
61GR116DC13A ETRI-61GR116DC13A Datasheet
187Kb / 1P
AC High Performance Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com