Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBRF40100CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TMBRF40100CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TMBRF40100CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TMBRF40100CT Datasheet HTML 1Page - KEC(Korea Electronics) TMBRF40100CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015. 9. 01
2/2
TMBRF40100CT
Revision No : 0
IF - VF
FORWARD VOLTAGE VF (V)
0.2
0.1
0.4
0.6
0.8
1
0
1
100
10
REVERSE VOLTAGE VR (V)
IR - VR
020406080
0.001
0.1
0.01
10
1
100,000
10,000
1,000
100
100
j
T =-25 C
j
T =25 C
T =125 C
j
j
T =75 C
j
T =25 C
j
T =75 C
T =125 C
j
T =-25 C
j
CJ - VR
REVERSE VOLTAGE VR (V)
10
0.1
20
30
40
0
1
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com