Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6264CSCL-70E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT6264CSCL-70E
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT6264CSCL-70E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT6264CSCL-70E Datasheet HTML 1Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 2Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 3Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 4Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 5Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 6Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 7Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 8Page - List of Unclassifed Manufacturers UT6264CSCL-70E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UTRON
UT6264C
Rev. 1.1
8K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80028
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
2
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to VSS
VTERM
-0.5 to +7.0
V
Operating Temperature
Commercial
TA
0 to +70
℃
Storage Temperature
TSTG
-65 to +150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
Tsolder
260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
1
CE
CE2
OE
WE
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High - Z
ISB, ISB1
Standby
X
L
X
X
High - Z
ISB, ISB1
Output Disable
L
H
H
H
High - Z
Icc,Icc1,Icc2
Read
L
H
L
H
DOUT
Icc,Icc1,Icc2
Write
L
H
X
L
DIN
Icc,Icc1,Icc2
note: H = VIH, L=VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS (VCC = 4.5V~5.5V, TA = 0℃ to 70℃)
PARAMETER
SYMBOL TEST CONDITION
MIN. TYP.
MAX.
UNIT
Power Voltage
Vcc
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
-
VCC+0.5
V
Input Low Voltage
VIL
- 0.5
-
0.8
V
Input Leakage Current
ILI
VSS ≦VIN ≦VCC
- 1
-
1
µA
Output Leakage Current
ILO
VSS ≦VI/O≦VCC;
1
CE =VIH;or CE2=VIL;
or OE = VIH ;or WE = VIL
- 1
-
1
µA
Output High Voltage
VOH
IOH = - 1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 4mA
-
-
0.4
V
- 35
-
45
60
mA
ICC
Cycle time=Min,II/O
= 0mA;
1
CE = VIL , CE2= VIH
- 70
-
30
45
mA
Icc1
Cycle time=1us; II/O = 0mA ;
1
CE =0.2V; CE2=Vcc-0.2V;
other pins at 0.2V or Vcc-0.2V
-
20
30
mA
Operating Power
Supply Current
Icc2
Cycle time=500ns;II/O = 0mA;
1
CE =0.2V; CE2=Vcc-0.2V;
other pins at 0.2V or Vcc-0.2V
-
10
15
mA
Normal
-
1
10
mA
Standby Current (TTL)
ISB
1
CE = VIH or CE2= VIL
- L/- LL
-
0.3
3
mA
Normal
-
2
5
mA
- L
-
2
100
µA
Standby Current (CMOS)
ISB1
1
CE ≧VCC-0.2V ;
or CE2≦ 0.2V;
other pins at 0.2V or Vcc-0.2V
- LL
-
1
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com