Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T16
Description  16A TRIACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T16 Datasheet(HTML) 1 Page - STMicroelectronics

  T16 Datasheet HTML 1Page - STMicroelectronics T16 Datasheet HTML 2Page - STMicroelectronics T16 Datasheet HTML 3Page - STMicroelectronics T16 Datasheet HTML 4Page - STMicroelectronics T16 Datasheet HTML 5Page - STMicroelectronics T16 Datasheet HTML 6Page - STMicroelectronics T16 Datasheet HTML 7Page - STMicroelectronics T16 Datasheet HTML 8Page - STMicroelectronics T16 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
Table 1: Main Features
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA16, BTB16 and T16 triac series
is suitable for general purpose AC switching. They
can be used as an ON/OFF function in applica-
tions such as static relays, heating regulation, in-
duction motor starting circuits... or for phase
control operation in light dimmers, motor speed
controllers, ...
The snubberless versions (BTA/BTB...W and T16
series) are specially recommended for use on in-
ductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rat-
ed at 2500VRMS) complying with UL standards
(File ref.: E81734).
Symbol
Value
Unit
IT(RMS)
16
A
VDRM/VRRM
600, 700 and 800
V
IGT (Q
1)
10 to 50
mA
BTA16, BTB16 and T16 Series
16A TRIACS
REV. 7
February 2006
SNUBBERLESS™, LOGIC LEVEL & STANDARD
Table 2: Order Codes
Part Number
Marking
BTA16-xxxxxRG
See page table 8 on
page 8
BTB16-xxxxxRG
T16xx-xxxG
A2
A2
G
A1
D2PAK
(T16-G)
G
A2
A1
G
A2
A2
A1
TO-220AB Insulated
(BTA16)
TO-220AB
(BTB16)
A2
A1
G


Similar Part No. - T16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T16 VISHAY-T16 Datasheet
96Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
06-Jul-2020
logo
Mini-Circuits
T16-1-X65 MINI-T16-1-X65 Datasheet
152Kb / 1P
RF Transformer
T16-1-X65+ MINI-T16-1-X65+ Datasheet
152Kb / 1P
RF Transformer
logo
List of Unclassifed Man...
T16-10 ETC2-T16-10 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
logo
Mini-Circuits
T16-6T MINI-T16-6T Datasheet
158Kb / 1P
RF Transformer
More results

Similar Description - T16

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST16 JIEJIE-JST16 Datasheet
605Kb / 5P
16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA16-600C TGS-BTA16-600C Datasheet
99Kb / 1P
16A TRIACS
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
16A TRIACS
logo
Unisonic Technologies
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
16A TRIACS
BTA16 UTC-BTA16 Datasheet
164Kb / 3P
16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
16A TRIACS
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
16A TRIACs
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
16A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com