Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS12T3
Description  Power MOSFET 170 mAmps, 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BSS123LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0, ID = 250 mAdc)
V(BR)DSS
100
−
−
Vdc
Zero Gate Voltage Drain Current
(VGS = 0, VDS = 100 Vdc)
TJ = 25°C
TJ = 125°C
IDSS
−
−
−
−
15
60
mAdc
Gate−Body Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
−
−
50
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
0.8
−
2.8
Vdc
Static Drain−Source On−Resistance
(VGS = 10 Vdc, ID = 100 mAdc)
rDS(on)
−
5.0
6.0
W
Forward Transconductance
(VDS = 25 Vdc, ID = 100 mAdc)
gfs
80
−
−
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
−
20
−
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
−
9.0
−
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
−
4.0
−
pF
SWITCHING CHARACTERISTICS(4)
Turn−On Delay Time
(VCC = 30 Vdc, IC = 0.28 Adc,
td(on)
−
20
−
ns
Turn−Off Delay Time
(VCC
30 Vdc, IC
0.28 Adc,
VGS = 10 Vdc, RGS = 50 W)
td(off)
−
40
−
ns
REVERSE DIODE
Diode Forward On−Voltage
(ID = 0.34 Adc, VGS = 0 Vdc)
VSD
−
−
1.3
V
4. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
BSS123LT1
SOT−23
3,000 Tape & Reel
BSS123LT1G
SOT−23
(Pb−Free)
3,000 Tape & Reel
BSS123LT3
SOT−23
10,000 Tape & Reel
BSS123LT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com