Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LP Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BAS40LP
Description  DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAS40LP Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BAS40LP Datasheet HTML 1Page - GOOD-ARK Electronics BAS40LP Datasheet HTML 2Page - GOOD-ARK Electronics BAS40LP Datasheet HTML 3Page - GOOD-ARK Electronics BAS40LP Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS40LP
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
2 / 4
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 5)
V(BR)R
IR = 10μA
40
-
-
V
Forward Voltage
VF
tp < 300μs, IF = 1.0mA
tp < 300μs, IF = 40mA
-
-
380
1000
mV
Reverse Leakage Current (Note 5)
IR
tp < 300μs, VR = 30V
20
200
nA
Total Capacitance
CT
VR = 0V, f = 1.0MHz
2.3
5.0
pF
Reverse Recovery Time
Trr
IF=10mA through IR= 10mA
to IR = 1.0mA, RL = 100Ω
5.0
nS
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.goodark.com
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com