Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC173 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC173
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC173 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC173 Datasheet HTML 3Page - Texas Instruments CD54HC173 Datasheet HTML 4Page - Texas Instruments CD54HC173 Datasheet HTML 5Page - Texas Instruments CD54HC173 Datasheet HTML 6Page - Texas Instruments CD54HC173 Datasheet HTML 7Page - Texas Instruments CD54HC173 Datasheet HTML 8Page - Texas Instruments CD54HC173 Datasheet HTML 9Page - Texas Instruments CD54HC173 Datasheet HTML 10Page - Texas Instruments CD54HC173 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Clock Frequency
fMAX
2
6
-
5
-
4
-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
MR Pulse Width
tw
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Clock Pulse Width
tw
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time, Data to Clock
and E to Clock
tSU
2
60-75
-90-
ns
4.5
12
-
15
-
18
-
ns
6
10-13
-15-
ns
Hold Time, Data to Clock
tH
23
-
3
-
3
-
ns
4.5
3
-
3
-
3
-
ns
63
-
3
-
3
-
ns
Hold Time, E to Clock
tH
20
-
0
-
0
-
ns
4.5
0
-
0
-
0
-
ns
60
-
0
-
0
-
ns
Removal Time, MR to Clock
tREM
2
60-75
-90-
ns
4.5
12
-
15
-
18
-
ns
6
10-13
-15-
ns
HCT TYPES
Maximum Clock Frequency
fMAX
4.5
20
-
16
-
13
-
MHz
MR Pulse Width
tw
4.5
15
-
19
-
22
-
ns
Clock Pulse Width
tw
4.5
25
-
31
-
38
-
ns
Set-up Time, E to Clock
tSU
4.5
12
-
15
-
18
-
ns
Set-up Time, Data to Clock
tSU
4.5
18
-
23
-
27
-
ns
Hold Time, Data to Clock
tH
4.5
0
-
0
-
0
-
ns
Hold Time, E to Clock
tH
4.5
0
-
0
-
0
-
ns
Removal Time, MR to Clock
tREM
4.5
12
-
15
-
18
-
ns
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com