Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4066 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4066
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4066 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC4066 Datasheet HTML 1Page - Texas Instruments CD54HC4066 Datasheet HTML 2Page - Texas Instruments CD54HC4066 Datasheet HTML 3Page - Texas Instruments CD54HC4066 Datasheet HTML 4Page - Texas Instruments CD54HC4066 Datasheet HTML 5Page - Texas Instruments CD54HC4066 Datasheet HTML 6Page - Texas Instruments CD54HC4066 Datasheet HTML 7Page - Texas Instruments CD54HC4066 Datasheet HTML 8Page - Texas Instruments CD54HC4066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay Time
Switch In to Out
tPLH, tPHL
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
9
-
-
8
-
11
-
13
ns
CL = 15pF
5
-
4
-
----
ns
Propagation Delay Time
Switch Turn On Delay
tPZH, tPZL
CL = 50pF
2
-
-
100
-
125
-
150
ns
4.5
-
-
20
-
25
-
30
ns
9
-
-
12
-
15
-
18
ns
CL = 15pF
5
-
8
-
----
ns
Propagation Delay Time
Switch Turn Off Delay
tPHZ, tPLZ
CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
9
-
-
24
-
30
-
36
ns
CL = 15pF
5
-
12
-
----
ns
Input (Control) Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
25
-
----
pF
HCT TYPES
Propagation Delay Time
Switch In to Out
tPLH, tPHL
CL = 50pF
4.5
-
-
12
-
15
-
18
ns
CL = 15pF
5
-
4
-
----
ns
Propagation Delay Time
Switch Turn On Delay
tPZH, tPZL
CL = 50pF
4.5
-
-
24
-
30
-
36
ns
CL = 15pF
5
-
9
-
----
ns
Propagation Delay Time
Switch Turn Off Delay
tPHZ, tPLZ
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
----
ns
Input (Control) Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
38
-
----
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per package.
5. PD =CPD VCC
2 f
i + Σ (CL +CS)VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch
capacitance, VCC = supply voltage.
Analog Channel Specifications TA = 25oC
PARAMETER
TEST CONDITIONS
VCC (V)
HC4066
CD74HCT4066
UNITS
Switch Frequency Response Bandwidth at -3dB
Figure 2
Figure 5, Notes 6, 7
4.5
200
200
MHz
Cross Talk Between Any Two Switches Figure 3
Figure 4, Notes 7, 8
4.5
-72
-72
dB
Total Harmonic Distortion
Figure 6, 1kHz,
VIS = 4VP-P
4.5
0.022
0.023
%
Figure 6, 1kHz,
VIS = 8VP-P
9
0.008
N/A
%
CD54HC4066, CD74HC4066, CD74HCT4066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com