Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC173M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC173M
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC173M Datasheet HTML 6Page - Texas Instruments CD74HC173M Datasheet HTML 7Page - Texas Instruments CD74HC173M Datasheet HTML 8Page - Texas Instruments CD74HC173M Datasheet HTML 9Page - Texas Instruments CD74HC173M Datasheet HTML 10Page - Texas Instruments CD74HC173M Datasheet HTML 11Page - Texas Instruments CD74HC173M Datasheet HTML 12Page - Texas Instruments CD74HC173M Datasheet HTML 13Page - Texas Instruments CD74HC173M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8682501EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
5962-8875901EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD54HC173F
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD54HC173F3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD54HCT173F3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD74HC173E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HC173M
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC173M96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC173MT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC173NSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC173PW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC173PWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC173PWT
ACTIVE
TSSOP
PW
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HCT173E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HCT173M
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT173M96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT173MT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com