Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-4PD Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # AS-4PD
Description  SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

AS-4PD Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  AS-4PD Datasheet HTML 1Page - Raltron Electronics Corporation AS-4PD Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
13.0 MAX
11.4 MAX
9.0 ± 0.3
H
MARKING
.512 MAX
.449 MAX
.354 ± .012
4
3
2
1
REFLOW SOLDERING PROFILE
Scale none Dimension in
mm
inch
FREQUENCY RANGE VS. MAX HEIGHT
FREQUENCY
ht. / mm
TYPE
> 20.000 MHz
4.6
H46
> 3.579 MHz
5.1
H51
> 3.579 MHz
5.6
STD
9.0
.354
2.3
.090
2.3
.090
SURFACE MOUNT MICROPROCESSOR CRYSTAL
330 mm REEL DIAMETER
24 mm TAPE WIDTH
12 mm PITCH
1000 PIECES PER REEL
CARRIER TAPE DIMENSIONS
RECOMMENDED SOLDER PATTERN
OUTLINE DRAWING
.059 DIA ± .004
.157 ± .004
4.0 ± 0.1
5.5 ± 0.1
.216 ± .004
12.0 ± 0.1
.472 ± .004
1.5 DIA ± 0.1
1.6 DIA ± 0.1
.063 DIA ± .004
2.0 ± 0.1
.079 ± .004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com