Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4403P Datasheet(PDF) 1 Page - Analog Power

Part # AM4403P
Description  P-Channel 150-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4403P Datasheet(HTML) 1 Page - Analog Power

  AM4403P Datasheet HTML 1Page - Analog Power AM4403P Datasheet HTML 2Page - Analog Power AM4403P Datasheet HTML 3Page - Analog Power AM4403P Datasheet HTML 4Page - Analog Power AM4403P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4403P
P-Channel 150-V (D-S) MOSFET
VDS (V)
ID (A)
-2.0
-1.9
Symbol
Limit
Units
VDS
-150
VGS
±20
TA=25°C
-2.0
TA=70°C
-1.7
IDM
-10
IS
-3.9
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Continuous Drain Current
a
Gate-Source Voltage
PRODUCT SUMMARY
-150
rDS(on) (mΩ)
560 @ VGS = -10V
580 @ VGS = -4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4403P_1A


Similar Part No. - AM4403P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM4403 AITSEMI-AM4403 Datasheet
709Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM4403M8R AITSEMI-AM4403M8R Datasheet
709Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM4403M8VR AITSEMI-AM4403M8VR Datasheet
709Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
More results

Similar Description - AM4403P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
P-Channel 150-V (D-S) MOSFET
10-Jan-05
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
P-Channel 150-V (D-S) MOSFET
16-Jul-07
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
P-Channel 150-V (D-S) MOSFET
18-Aug-08
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
P-Channel 150 V (D-S) MOSFET
11-Apr-11
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
P-Channel 150-V (D-S) MOSFET
04-May-09
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
P-Channel 150-V (D-S) MOSFET
24-Jun-13
SI7115DN VISHAY-SI7115DN_V01 Datasheet
547Kb / 13P
P-Channel 150 V (D-S) MOSFET
26-Sep-11
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
P-Channel 150 V (D-S) MOSFET
26-Mar-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com