Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA06 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA06
Description  SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA06 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA06 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA06 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current
IC
500
mA
Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
ICBO
VCB=80V, TA=150°C
20
µA
ICEO
VCE=60V
100
nA
BVCEO
IC=1.0mA
80
V
BVEBO
IE=100µA
4.0
V
VCE(SAT)
IC=100mA, IB=10mA
0.25
V
VBE(ON)
VCE=1.0V, IC=100mA
1.20
V
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=100mA
100
fT
VCE=2.0V, IC=10mA, f=100MHz (CMPTA06)
100
MHz
fT
VCE=1.0V, IC=100mA, f=100MHz(CMPTA56)
50
MHz
CMPTA06 NPN
CMPTA56 PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON TRANSISTORS
SOT-23 CASE
Central
Semiconductor Corp.
TM
R5 (13-November 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA06,
CMPTA56 types are complementary silicon
transistors manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for small signal general
purpose and switching applications.
MARKING CODES: CMPTA06 : C1G
CMPTA56 : C2G


Similar Part No. - CMPTA06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06_15 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPTA06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT2207 CENTRAL-CMKT2207_10 Datasheet
498Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904_10 Datasheet
332Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT4401 CENTRAL-CMPT4401_10 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3904 CENTRAL-CXT3904_10 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT8099 CENTRAL-CMPT8099 Datasheet
328Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621_15 Datasheet
659Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_15 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_15 Datasheet
336Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_15 Datasheet
335Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CZT3904 CENTRAL-CZT3904_15 Datasheet
535Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com