Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505-AP Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5505-AP
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505-AP Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5505-AP Datasheet HTML 24Page - Cirrus Logic CS5505-AP Datasheet HTML 25Page - Cirrus Logic CS5505-AP Datasheet HTML 26Page - Cirrus Logic CS5505-AP Datasheet HTML 27Page - Cirrus Logic CS5505-AP Datasheet HTML 28Page - Cirrus Logic CS5505-AP Datasheet HTML 29Page - Cirrus Logic CS5505-AP Datasheet HTML 30Page - Cirrus Logic CS5505-AP Datasheet HTML 31Page - Cirrus Logic CS5505-AP Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Control Input Pins
CAL - Calibrate, Pin 3 (4).
When taken high the same time that the CONV pin is taken high the converter will perform a
self-calibration which includes calibration of the offset and gain scale factors in the converter.
CONV - Convert, Pin 2 (3).
The CONV pin initiates a calibration cycle if it is taken from low to high while the CAL pin is
high, or it initiates a conversion if it is taken from low to high with the CAL pin low. CONV
latches the multiplexer selection when it transitions from low to high on the multiple channel
devices. If CONV is held high (CAL low) the converter will do continuous conversions.
A0, A1 - Multiplexer Selection Inputs, Pins (1, 24).
A0 and A1 select the input channel for conversion on the multi-channel input devices. A0 and
A1 are latched when CONV transitions from low to high. These two inputs have pull-down
resistors internal to the chip.
BP/UP - Bipolar/Unipolar, Pin 7 (8).
The BP/UP pin selects the conversion mode of the converter. When high the converter will
convert bipolar input signals; when low it will convert unipolar input signals.
Measurement and Reference Inputs
AIN+, AIN-, (AIN1+, AIN2+, AIN3+, AIN4+, AIN-) - Differential Analog Inputs, Pins 8, 10 (9,
10, 12, 13, 11).
AIN- in the CS5505/6 is a common measurement node for AIN1+, AIN2+, AIN3+ and AIN4+.
VREF+, VREF- - Differential Voltage Reference Inputs, Pins 11, 12 (14, 15).
A differential voltage reference on these pins operates as the voltage reference for the
converter. The voltage between these pins can be any voltage between 1.0 and 3.6 volts.
Voltage Reference
VREFOUT - Voltage Reference Output, Pin 13 (16).
The on-chip voltage reference is output from this pin. The voltage reference has a nominal
magnitude of 2.5 volts and is referenced to the VA+ pin on the converter.
Power Supply Connections
VA+ - Positive Analog Power, Pin 14 (17).
Positive analog supply voltage. Nominally +5 volts.
VA- - Negative Analog Power, Pin 15 (18).
Negative analog supply voltage. Nominally -5 volts when using dual polarity supplies; or 0
volts (tied to system analog ground) when using single supply operation.
CS5505/6/7/8
28
DS59F4
CS5505/6/7/8
28
DS59F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com