Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505-AS Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5505-AS
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505-AS Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5505-AS Datasheet HTML 26Page - Cirrus Logic CS5505-AS Datasheet HTML 27Page - Cirrus Logic CS5505-AS Datasheet HTML 28Page - Cirrus Logic CS5505-AS Datasheet HTML 29Page - Cirrus Logic CS5505-AS Datasheet HTML 30Page - Cirrus Logic CS5505-AS Datasheet HTML 31Page - Cirrus Logic CS5505-AS Datasheet HTML 32Page - Cirrus Logic CS5505-AS Datasheet HTML 33Page - Cirrus Logic CS5505-AS Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Ordering Guide
Model
# of
Resolution
Linearity
Temperature
Package Type
Number
Channels
Error
Range (
°C)
CS5505-AP
4
16-Bits
0.0030%
-40 to +85
24-pin 0.3" Plastic DIP
CS5505-AS
4
16-Bits
0.0030%
-40 to +85
24-pin 0.3" SOIC
CS5506-BP
4
20-Bits
0.0015%
-40 to +85
24-pin 0.3" Plastic DIP
CS5506-BS
4
20-Bits
0.0015%
-40 to +85
24-pin 0.3" SOIC
CS5507-AP
1
16-Bits
0.0030%
-40 to +85
20-pin 0.3" Plastic DIP
CS5507-AS
1
16-Bits
0.0030%
-40 to +85
20-pin 0.3" SOIC
CS5507-SD
1
16-Bits
0.0030%
-55 to +125
20-pin 0.3" CerDIP
CS5508-BP
1
20-Bits
0.0015%
-40 to +85
20-pin 0.3" Plastic DIP
CS5508-BS
1
20-Bits
0.0015%
-40 to +85
20-pin 0.3" SOIC
CS5508-SD
1
20-Bits
0.0030%
-55 to +125
20-pin 0.3" CerDIP
CS5505/6/7/8
30
DS59F4
CS5505/6/7/8
30
DS59F5
ORDERING INFORMATION
ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model
Package
Resolution
Liearity
Error
Channels
Temperature
CS5505-AP
24-pin Plastic DIP
16 Bits
0.0030%
4
-40 to +85 °C
CS5505-AS
24-pin SOIC
CS5505-ASZ (lead free)
CS5506-BP
24-pin Plastic DIP
20 Bits
0.0015%
CS5506-BS
24-pin SOIC
CS5506-BSZ (lead free)
CS5507-AP
20-pin Plastic DIP
16 Bits
0.0030%
1
CS5507-AS
20-pin SOIC
CS5507-ASZ (lead free)
CS5508-BP
20-pin Plastic DIP
20 Bits
0.0015%
CS5508-BS
20-pin SOIC
CS5508-BSZ (lead free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5505-AP
260 °C
1
No Limit
CS5505-AS
240 °C
2
365 Days
CS5505-ASZ (lead free)
260 °C
3
7 Days
CS5506-BP
260 °C
1
No Limit
CS5506-BS
240 °C
2
365 Days
CS5506-BSZ (lead free)
260 °C
3
7 Days
CS5507-AP
260 °C
1
No Limit
CS5507-AS
240 °C
2
365 Days
CS5507-ASZ (lead free)
260 °C
3
7 Days
CS5508-BP
260 °C
1
No Limit
CS5508-BS
240 °C
2
365 Days
CS5508-BSZ (lead free)
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com