Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JSW
Description  Motor Starting Capacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSW Datasheet(HTML) 1 Page - jb Capacitors Company

  JSW_16 Datasheet HTML 1Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWINGS (mm)
JSW-A
STANDARD RATINGS
Voltage(VAC)
110/125VAC
125VAC
220/275VAC
250VAC
330VAC
Capacitance(μF)
Size D x H (MM)
Size D x H (MM)
Size D x H (MM)
Size D x H (MM)
Size D x H (MM)
50
34x60
34x60
34x70
34x80
42x80
75
34x60
34x60
34x70
34x80
42x80
100
34x60
34x60
34x70
34x80
42x80
150
34x70
34x70
34x70
50x100
50x100
200
40x70
40x70
40x70
50x100
50x100
250
40x90
40x90
45x100
50x100
50x100
300
40x90
40x90
45x100
50x100
50x100
350
45x90
45x90
45x100
50x100
50x100
400
45x100
45x100
45x100
50x100
50x100
500
45x100
45x100
45x100
50x110
---
600
45x100
45x100
50x100
50x110
---
700
50x100
50x100
50x100
---
---
800
50x100
50x100
50x100
---
---
1000
50x100
50x100
---
---
---
1200
50x100
50x100
---
---
Please visit our website to get more update data, those data & specification are subject to change without notice.
JSW-B
JSW-C
Motor Starting Capacitor – JSW
FEATURES
Ø
Small volume, large capacitance
Ø
Low spoilage, stable capability
Ø
The specific type of capacitors with high electrical characteristics are widely used in single
phase
Ø
A.C. motors with rated voltage of 110V-330V and the frequency of 50Hz-60Hz to
Ø
Get high rotary torque at low starting current, and also the motor at a lower starting current
under high torque.
SPECIFICATIONS
Items
Performance Characteristics
Operating Temperature Range (℃)
-40℃ ~ +65℃
Rated Voltage
110~330V,AC
Capacitance Tolerance
-10%~+20%
Capacitance
50-1500μF
Loss Tangent
0~+20%
Withstand Voltage Between Terminals
1.2 times working voltage, no break down within 2s
Withstand Voltage Between Terminal And Case
2000VAC, no break down with 60s
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JSW_16

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSW2-33DR-75 MINI-JSW2-33DR-75 Datasheet
312Kb / 6P
SPDT RF Switch
JSW2-33DR-75+ MINI-JSW2-33DR-75+ Datasheet
312Kb / 6P
SPDT RF Switch
JSW2-33HDR-75 MINI-JSW2-33HDR-75 Datasheet
313Kb / 6P
SPDT RF Switch
JSW2-33HDR-75+ MINI-JSW2-33HDR-75+ Datasheet
313Kb / 6P
SPDT RF Switch
JSW2-63DR MINI-JSW2-63DR Datasheet
305Kb / 6P
SPDT RF Switch
More results

Similar Description - JSW_16

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59502A0120A020 EPCOS-B59502A0120A020 Datasheet
64Kb / 4P
Motor Starting
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
PTC thermistors for motor starting
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
MOTOR STARTING CAPACITOR
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
PTC thermistors for motor starting
logo
List of Unclassifed Man...
010C ETC2-010C Datasheet
865Kb / 2P
Low starting threshold
logo
jb Capacitors Company
JFS JBCAPACITORS-JFS_16 Datasheet
909Kb / 6P
Motor Capacitor
logo
Suntan Capacitors
TS13D3-CD60 SUNTAN-TS13D3-CD60_17 Datasheet
178Kb / 1P
MOTOR STARTING CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com