Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6520C Datasheet(PDF) 1 Page - Analog Power

Part # AM6520C
Description  P & N-Channel 20-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6520C Datasheet(HTML) 1 Page - Analog Power

  AM6520C Datasheet HTML 1Page - Analog Power AM6520C Datasheet HTML 2Page - Analog Power AM6520C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM6520C
Analog Power
November, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM6520_A
These miniature surface mount MOSFETs utilize
High Cell Density process. Low r
DS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC
converters, power management in portable and
battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
P & N-Channel 20-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
•
Miniature TSSOP-8 Surface Mount Package
Saves Board Space
•
High power and current handling capability
•
Low side high current DC-DC Converter
applications
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol N-Channel P-Channel Units
VDS
20
-20
VGS
8-8
TA=25
oC
4.7
-4.7
TA=70
oC3.8
-3.8
IDM
±50
±50
IS
2.3
-2.3
A
TA=25
oC
2.1
2.1
TA=70
oC1.3
1.3
TJ, Tstg
-55 to 150
-55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
TSSOP-8
Top View
D1
S1
S1
1
2
3
D
1
S
1
G
1
N-Channel MOSFET
4
G1
D2
S2
S2
8
7
6
5
G2
S
2
D
2
G
2
P-Channel MOSFET
VDS (V)
rDS(on) m(Ω)ID (A)
47 @ VGS = 4.5V
4.7
66 @ VGS = 2.5V
3.9
95 @ VGS = 1.8V
3.3
47 @ VGS = -4.5V
-4.7
72 @ VGS = -2.5V
-3.8
95 @ VGS = -1.8V
-3.3
20
PRODUCT SUMMARY
-20
Symbol
Typ
Max
t <= 10 sec
72
83
Steady State
100
120
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
oC/W
RthJA
Parameter


Similar Part No. - AM6520C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6526 TI1-AM6526 Datasheet
3Mb / 299P
Sitara Processors
AM6526 TI1-AM6526 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM6526 TI-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6526 TI1-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6526 TI-AM6526 Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results

Similar Description - AM6520C

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
N- and P-Channel 20-V (D-S) MOSFET
16-May-05
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
N- and P-Channel 20-V (D-S) MOSFET
20-Mar-06
logo
Analog Power
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com