Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3216LV250-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 3216LV250-R
Description  Chip??Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

3216LV250-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  3216LV250-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 3216LV250-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
•Surfacemountfuse,fastacting,125Vac
•Utilizethickandthinmetalfilmtechnologiesfor
superiorfusingactionandenhancedreliability.
Agencyinformation
• ULRecognitionGuide&Filenumbers:
JDYX2&E19180.
• CSAComponentAcceptance:053787C000&
ClassNo:142230.
EnvironmentalData
• OperatingTemperatureRange:-65to+125°C,
withproperderating
• ThermalShock:MIL-STD-202,Method107,Test
ConditionB(-65to125°C),1000cycles,fusessoldered
toFR-4glass-epoxycircuitboard
• Vibration:MIL-STD-202,Method204,TestConditionC
(55to2000HZ,10G)
• Solderability:Withstands60secondsabove200°C,
260°Cmaximum
• MoistureResistance:MIL-STD-202,Method106,
10daycycle
• SolderLeachResistance&TerminalAdhesion:
EIA-576(30secondssubmersionin260°C
tin-leadsolder)
Ordering
•Specifypackagingandproductcode
(i.e.TR/3216LV1-R)
2.80
1.80to
2.00
1.60
1.20to1.40
4.20to4.40
1.60±0.2
(0.063±0.008)
3.20±0.2
(0.126±0.008)
0.50±0.25
(0.020±0.010)
.75
0.90+0.20,-0.15
(0.035+0.008,-0.006)
LandPattern
Dimensionsmm⁄(inches)
DrawingNottoScale
Notes:
1.ACinterruptingrating,meltingintegralandtotalclearingintegralmeasuredat125V,unitypowerfactor
2.DCinterruptingrating,meltingintegralandtotalclearingintegralmeasuredat125Vwithabatterysource
3.Voltagedropmeasuredat23±3°Cambienttemperaturewiththedevicemountedonasuitablecircuitboardtrace
4.Itisrecommendedthatfusesbemountedwithceramic(white)sidefacingup
5.Devicedesignedtocarryratedcurrentforfourhoursminimum.Anoperatingcurrentof80%orlessofratedcurrentisrecommended,
withfurtherderatingrequiredatelevatedambienttemperatures
SPEciFicAtiONS
current Voltage
interrupting
typicalMelting typ.resistance typ.Voltage
Part
rating rating
rating
integral@10Xrated @≤10% Drop@rated
Part
(Amps) Vac/dc
@125Vac/dc
current(A2*sec) ratedcurrent current(Volts)
Number
(Amps) Vac/dc
(amps)
Ac
Dc
(Ω)
3216LV250-r 250mA
125
50
0.00016 0.000084
4.5
1.4
3216LV375-r 375mA
125
50
0.001 0.0002
1.80
0.73
3216LV750-r 750mA
125
50
0.0033 0.00379
0.75
0.63
3216LV1-r
1
125
50
0.020 0.0084
0.52
0.63
3216LV1.25-r 1.25
125
50
0.035 0.021
0.40
0.62
3216LV1.5-r 1.5
125
50
0.038 0.024
0.26
0.49
ELEctricALchArActEriSticS
%ofAmprating
Openingtime
100%
4hoursminimum
250%
5secondsmaximum
Chip™ Fuses
3216LVSeries,FastActing,LineVoltage


Similar Part No. - 3216LV250-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
3216LV250-R EATON-3216LV250-R Datasheet
315Kb / 2P
Fast-acting Line-voltage Chip??surface mount fuse
More results

Similar Description - 3216LV250-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
High I2t Chip??Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
Chip??Fuses
logo
Vishay Siliconix
TFU0603 VISHAY-TFU0603 Datasheet
119Kb / 7P
Thick Film Chip Fuses
26-May-10
logo
KOA Speer Electronics, ...
SF45N110TTE KOA-SF45N110TTE Datasheet
241Kb / 2P
chip type resettable fuses
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
Chip Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
Chip Fuses
logo
Cooper Bussmann, Inc.
CC12H1A COOPER-CC12H1A_16 Datasheet
1Mb / 8P
High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
High I짼t Chip fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com