Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3216LV1.5-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 3216LV1.5-R
Description  Chip??Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

3216LV1.5-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  3216LV1.5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 3216LV1.5-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENTINAMPERES
10
1
.1
.01
.001
CURRENT
RATING
tiMEcUrrENtcUrVE
PAcKAGiNGcODE
Packagingcode Description
tr
3000fuseson8mmtape-and-reelona7inch(178mm)reelperEIAStandard481
Chip™ Fuses
3216LVSeries,FastActing,LineVoltage
Visit us on the web at:
www.bussmann.com
OC-2541 Rev. A 0514
Cooper Electronic
Technologies
1225 Broken Sound Parkway
NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Cooper Electronic
Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH
UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Electronic
Technologies
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Electronic
Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
North America
Europe



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com