Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5331M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D5331M
Description  Modbus RTU or DGH ASCII communications protocol
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D5331M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D5331M Datasheet HTML 1Page - List of Unclassifed Manufacturers D5331M Datasheet HTML 2Page - List of Unclassifed Manufacturers D5331M Datasheet HTML 3Page - List of Unclassifed Manufacturers D5331M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D5000M SPECIFICATIONS (typical at +25
°C and nominal power supply unless otherwise noted)
Analog
• Four channel analog input.
• Maximum CMV, input to output at 60Hz: 500V rms.
• Leakage I, input to output at 115Vrms, 60Hz: <2
µA rms.
• 15 bit measurement resolution.
• 8 conversions per second.
• Common mode rejection: 100dB at 50/60Hz.
• Autozero & autocalibration—no adjustment pots.
Digital
• 8-bit CMOS microcomputer.
• Digital scaling, linearization and calibration.
• Nonvolatile memory eliminates pots and switches.
• Small and large signal digital filtering with user selectable
time constants.
Communications
• Communications in ASCII via RS-232C, RS-485 ports.
• Selectable baud rates: 300, 600, 1200, 2400, 4800,
9600, 19200, 38400, 57600, 115200.
• NRZ asynchronous data format; 1 start bit, 7 data bits,
1 parity bit and 1 stop bit.
• Parity: odd, even, none.
• User selectable channel address.
• Modbus RTU or DGH ASCII communications protocol.
• Up to 247 multidrop modules per host serial port.
• Communications distance up to 4,000 feet (RS-485).
• Transient suppression on RS-485 communications lines.
• Communications error checking via checksum.
• All communications setups stored in EEPROM.
Power
Requirements: Unregulated +10V to +30Vdc, 0.75W max
Protected against power supply reversals.
Environmental
Temperature Range: Operating -25
°C to +70°C.
Storage -25
°C to +85°C.
Relative Humidity: 0 to 95% noncondensing.
Warranty
12 months on workmanship and material.
D5100M Voltage Inputs
• Voltages:
±100mV, ±1V, ±5V, ±10V, ±100Vdc.
• Resolution: 0.01% of FS (4 digits).
• Accuracy:
±0.02% of FS max.
• Zero drift:
±1 count max (autozero).
• Span tempco:
±50ppm/°C max.
• Input burnout protection to 250Vac .
• Input impedance:
≤ ±1V input =100MΩ min.
≥ ±5V input =1MΩ min.
D5200M Current Input
• Current: 4-20mAdc.
• Resolution: 0.04% of FS.
• Accuracy: 0.04% of FS.
• Zero drift:
±1 count max (autozero).
• Span tempco:
±50ppm/°C max.
• Voltage drop: 1.0V max.
D5300M Thermocouple Inputs
• Thermocouple types: J, K, T, E (factory set).
• Ranges: J = -200
°C to +760°C
T = -200
°C to +400°C
K = -150
°C to +1250°C E = -100°C to +1000°C
• Resolution:
±1°.
• Overall Accuracy (error from all sources) from 0 to +40
°C
ambient:
±1.0 °C .
• Input impedance: 100M
Ω min.
• Lead resistance effect: <20
µV per 350Ω.
• Open thermocouple and overrange indication.
• Input burnout protection to 250Vac.
• Automatic cold junction compensation and linearization.
D5450M Thermistor Inputs
• Thermistor types: 2252
Ω at 25°C.
• Range: -0
°C to +100°C.
• Resolution: 0.01
°C or F.
• Accuracy:
±0.1°C.
• Input protection to 30Vdc .
Specifications are subject to change without notice.
D5000M Mechanicals and Dimensions
Case: ABS with captive hardware.
Connectors: Screw terminal barrier plug (supplied).
Replace with Phoenix MSTB 1.5/10 ST 5.08 or equivalent.
NOTE: Spacing for mounting screws = 2.700" (6.858 cm).
Screw threads are 6 X 32.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com