Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6571 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 1 Page - Texas Instruments

  DAC6571 Datasheet HTML 1Page - Texas Instruments DAC6571 Datasheet HTML 2Page - Texas Instruments DAC6571 Datasheet HTML 3Page - Texas Instruments DAC6571 Datasheet HTML 4Page - Texas Instruments DAC6571 Datasheet HTML 5Page - Texas Instruments DAC6571 Datasheet HTML 6Page - Texas Instruments DAC6571 Datasheet HTML 7Page - Texas Instruments DAC6571 Datasheet HTML 8Page - Texas Instruments DAC6571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
SCL
A0
GND
Output
Buffer
Power Down
Control Logic
Resistor
Network
Ref (+) REF(−)
10-Bit
DAC
I2C
Control
Logic
DAC
Register
Power-On
Reset
VOUT
SDA
DAC6571
SLAS406 – DECEMBER 2003
+2.7 V to +5.5 V, I2C INTERFACE, VOLTAGE OUTPUT,
10-BIT DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 125 µA @ 3 V
The DAC6571 is a low-power, single channel, 10-Bit
•
Fast Update Rate: 188 kSPS
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
•
Power-On Reset to Zero
achieved. The DAC6571 utilizes an I2C compatible
•
+2.7 V to +5.5 V Power Supply
two wire serial interface that operates at clock rates
•
Specified Monotonic by Design
up to 3.4 Mbps with address support of up to two
•
I2C™ Interface up to 3.4 Mbps
DAC6571s on the same data bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
The output voltage range of the DAC is 0 V to VDD.
Operation
The DAC6571 incorporates a power-on-reset circuit
•
Double-Buffered Input Register
that ensures that the DAC output powers up at zero
•
Address Support for up to Two DAC6571s
volts and remains there until a valid write to the
device
takes
place.
The
DAC6571
contains
a
•
Small 6 Lead SOT 23 Package
power-down feature, accessed via the internal control
•
Operation From -40
°C to 105°C
register, that reduces the current consumption of the
device to 50 nA at 5 V.
The low power consumption of this part in normal
•
Process Control
operation makes it ideally suited for portable battery
•
Data Acquistion Systems
operated equipment. The power consumption is less
•
Closed-Loop Servo Control
than 0.7 mW at VDD = 5 V reducing to 1 µW in
•
PC Peripherals
power-down mode.
•
Portable Instrumentation
DAC7571/6571/5571 are 12/10/8 bit single channel
I2C DACs from the same family. DAC7574/6574/5574
and DAC7573/6573/5573 are 12/10/8 bit quad chan-
nel
I2C
DACs.
Also
see
DAC8571/8574
for
single/quad channel 16-bit I2C DACs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC6571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI2-DAC6571 Datasheet
763Kb / 26P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2005
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVR TI1-DAC6571IDBVR Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVR TI2-DAC6571IDBVR Datasheet
763Kb / 26P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2005
More results

Similar Description - DAC6571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571_07 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com