Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6571IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571IDBVR
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  DAC6571IDBVR Datasheet HTML 1Page - Texas Instruments DAC6571IDBVR Datasheet HTML 2Page - Texas Instruments DAC6571IDBVR Datasheet HTML 3Page - Texas Instruments DAC6571IDBVR Datasheet HTML 4Page - Texas Instruments DAC6571IDBVR Datasheet HTML 5Page - Texas Instruments DAC6571IDBVR Datasheet HTML 6Page - Texas Instruments DAC6571IDBVR Datasheet HTML 7Page - Texas Instruments DAC6571IDBVR Datasheet HTML 8Page - Texas Instruments DAC6571IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC6571
SLAS406 – DECEMBER 2003
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications -40°C to +105°C unless otherwise noted.
DAC6571
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
STATIC PERFORMANCE(1)
Resolution
10
Bits
Relative accuracy
±2
LSB
Differential nonlinearity
Assured monotonic by design
±0.5
LSB
Zero code error
All zeroes loaded to DAC register
5
20
mV
Full-scale error
All ones loaded to DAC register
-0.15
-1.25
% of FSR
Gain error
±1.25
% of FSR
Zero code error drift
±7
µV/
°C
Gain temperature coefficient
±3
ppm of FSR/
°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VDD
V
1/4 Scale to 3/4 scale change (400H to C00H) ;
Output voltage settling time
7
9
µ s
RL = ∞
Slew rate
1
V/µs
RL = ∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
pF
Code change glitch impulse
1 LSB Change around major carry
20
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
1
Ω
VDD = +5V
50
mA
Short-circuit current
VDD = +3V
20
mA
Coming out of power-down mode, VDD = +5V
2.5
µ s
Power-up time
Coming out of power-down mode, VDD = +3V
5
µ s
LOGIC INPUTS(2)
Input current
± 1
µ A
VINL, Input low voltage
VDD = +3V
0.3
×V
DD
V
0.7
×V
D
VINH, Input high voltage
VDD = +5V
V
D
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
DAC active and excluding load current
VDD = +3.6V to +5.5V
VIH = VDD and VIL = GND
155
200
µ A
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
125
160
µ A
IDD (all power-down modes)
VDD = +3.6 V to +5.5V
VIH = VDD and VIL = GND
0.2
1
µ A
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
0.05
1
µ A
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, VDD = +5V
93
%
(1)
Linearity calculated using a reduced code range of 12 to 1012; output unloaded.
(2)
Specified by design and characterization, not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com