Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1248P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1248P
Description  1024k NV SRAM with Phantom Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1248P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1248P Datasheet HTML 1Page - Dallas Semiconductor DS1248P Datasheet HTML 2Page - Dallas Semiconductor DS1248P Datasheet HTML 3Page - Dallas Semiconductor DS1248P Datasheet HTML 4Page - Dallas Semiconductor DS1248P Datasheet HTML 5Page - Dallas Semiconductor DS1248P Datasheet HTML 6Page - Dallas Semiconductor DS1248P Datasheet HTML 7Page - Dallas Semiconductor DS1248P Datasheet HTML 8Page - Dallas Semiconductor DS1248P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DS1248/DS1248P
2 of 21
ORDERING INFORMATION
DS1248YP–XXXY (5V)
- IND Industrial
- 70
70ns access
blank 32-Pin DIP Module
P
34-Pin PowerCap Module board*
DS1248WP-XXXY (3.3V)
- IND Industrial
- 120 120ns access
blank 32-Pin DIP Module
P
34-Pin PowerCap Module board*
*DS9034PCX (PowerCap) Required:
(Must be ordered separately.)
PIN DESCRIPTION
A0–A16
- Address Inputs
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power Supply Input
GND
- Ground
DQ0–DQ7
- Data In/Data Out
NC
- No Connection
X1, X2
- Crystal Connection
VBAT
- Battery Connection
RST
- Reset
DESCRIPTION
The DS1248 1024k NV SRAM with Phantom Clock is a fully static nonvolatile RAM (organized as 128k
words by 8 bits) with a built-in real-time clock. The DS1248 has a self-contained lithium energy source
and control circuitry, which constantly monitors VCC for an out-of-tolerance condition. When such a
condition occurs, the lithium energy source is automatically switched on and writes protection is
unconditionally enabled to prevent garbled data in both the memory and real-time clock.
PACKAGES
The DS1248 is available in two packages: 32-pin DIP and 34-pin PowerCap module. The 32-pin DIP
style module integrates the crystal, lithium energy source, and silicon in one package. The 34-pin
PowerCap module board is designed with contacts for connection to a separate PowerCap (DS9034PCX)
that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the
DS1248P after completion of the surface mount process. Mounting the PowerCap after the surface mount
process prevents damage to the crystal and battery because of the high temperatures required for solder
reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap module board and PowerCap
are ordered separately and shipped in separate containers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com