Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS14285S
Description  Real Time Clock with NV RAM Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS14285S Datasheet HTML 17Page - Dallas Semiconductor DS14285S Datasheet HTML 18Page - Dallas Semiconductor DS14285S Datasheet HTML 19Page - Dallas Semiconductor DS14285S Datasheet HTML 20Page - Dallas Semiconductor DS14285S Datasheet HTML 21Page - Dallas Semiconductor DS14285S Datasheet HTML 22Page - Dallas Semiconductor DS14285S Datasheet HTML 23Page - Dallas Semiconductor DS14285S Datasheet HTML 24Page - Dallas Semiconductor DS14285S Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DS14285/DS14287
21 of 25
POWER-DOWN/POWER-UP TIMING
POWER-DOWN/POWER-UP TIMING
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS
at VIH before Power-Down
tPD
0
µs
VCC slew from 4.5V to 0V ( CS at VIH)
tF
300
µs
VCC slew from 0V to 4.5V ( CS at VIH)
tR
100
µs
CS
at VIH after Power-Up
tREC
20
200
ms
Chip Enable Propagation Delay to
External SRAM
tCED
10
ns
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention for DS14287
tDR
10
years
10
NOTE:
The real-time clock will keep time to an accuracy of+1 minute per month during data retention time for
the period of tDR.
WARNING:
Under no circumstances are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com