Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMVL250ADA331MJA0G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMVL250ADA331MJA0G
Description  3000 to 5000-hours-life, 105?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVL250ADA331MJA0G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMVL250ADA331MJA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVL250ADA331MJA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
3000 to 5000-hours-life, 105
℃
AIchipTM-
MVL
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Size code
tan
δ
Rated ripple
current
(mArms/
105
℃,120Hz)
Part No.
6.3
22
47
100
220
330
1,000
33
220
10
22
47
100
470
33
47
100
330
22
36
60
101
160
313
35
141
18
30
50
81
254
48
63
116
238
EMVL6R3ADA220MD60G
EMVL6R3ADA470ME60G
EMVL6R3ADA101MF60G
EMVL6R3ADA221MF80G
EMVL6R3ADA331MHA0G
EMVL6R3ADA102MJA0G
EMVL100ADA330ME60G
EMVL100ADA221MHA0G
EMVL160ADA100MD60G
EMVL160ADA220ME60G
EMVL160ADA470MF60G
EMVL160ADA101MF80G
EMVL160ADA471MJA0G
EMVL250ADA330MF60G
EMVL250ADA470MF80G
EMVL250ADA101MHA0G
EMVL250ADA331MJA0G
EMVL350ADA4R7MD60G
EMVL350ADA100ME60G
EMVL350ADA220MF60G
EMVL350ADA330MF80G
EMVL350ADA221MJA0G
EMVL500ADA1R0MD60G
EMVL500ADA2R2MD60G
EMVL500ADA3R3MD60G
EMVL500ADA4R7ME60G
EMVL500ADA100MF60G
EMVL500ADA220MF80G
EMVL500ADA330MHA0G
EMVL500ADA470MHA0G
EMVL500ADA101MJA0G
0.28
0.28
0.28
0.28
0.28
0.28
0.24
0.24
0.20
0.20
0.20
0.20
0.20
0.16
0.16
0.16
0.16
0.13
0.13
0.13
0.13
0.13
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
D60
E60
F60
F80
HA0
JA0
E60
HA0
D60
E60
F60
F80
JA0
F60
F80
HA0
JA0
10
16
25
WV
(Vdc)
Cap
Size code
Rated ripple
current
(mArms/
Part No.
35
4.7
10
22
33
220
1.0
2.2
3.3
4.7
10
22
33
47
100
D60
E60
F60
F80
JA0
D60
D60
D60
E60
F60
F80
HA0
HA0
JA0
50
105
℃,120Hz)
tan
δ
(
µF)
15
25
42
57
216
6.2
11
14
19
30
49
77
92
151
Frequency(Hz)
Capacitance(μF)
120
1k
10k
100k
1.0
1.00
1.50
1.75
1.80
2.2 to 10
1.00
1.30
1.40
1.50
22 to 1,000
1.00
1.05
1.08
1.08
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
92
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com