Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2125CSZ Datasheet HTML 7Page - Intersil Corporation EL2125CSZ Datasheet HTML 8Page - Intersil Corporation EL2125CSZ Datasheet HTML 9Page - Intersil Corporation EL2125CSZ Datasheet HTML 10Page - Intersil Corporation EL2125CSZ Datasheet HTML 11Page - Intersil Corporation EL2125CSZ Datasheet HTML 12Page - Intersil Corporation EL2125CSZ Datasheet HTML 13Page - Intersil Corporation EL2125CSZ Datasheet HTML 14Page - Intersil Corporation EL2125CSZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FN7045.2
April 21, 2005
FIGURE 47. LOADED POSITIVE OUTPUT SWING vs
TEMPERATURE
FIGURE 48. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 49. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
12
11.8
11.6
11.4
11.2
11
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS=±15V
1.2
0.6
0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
1
0.4
0.8
0.2
100
50
85
488mW
781mW
SO8
θJA=160°C/W
SOT23-5
θJA=256°C/W
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
100
50
85
543mW
1.136W
SO8
θJA=110°C/W
SOT23-5
θJA=230°C/W
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com