Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D100 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC6D100
Description  ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D100 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC6D100 Datasheet HTML 9Page - SMSC Corporation EMC6D100 Datasheet HTML 10Page - SMSC Corporation EMC6D100 Datasheet HTML 11Page - SMSC Corporation EMC6D100 Datasheet HTML 12Page - SMSC Corporation EMC6D100 Datasheet HTML 13Page - SMSC Corporation EMC6D100 Datasheet HTML 14Page - SMSC Corporation EMC6D100 Datasheet HTML 15Page - SMSC Corporation EMC6D100 Datasheet HTML 16Page - SMSC Corporation EMC6D100 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Environmental Monitoring and Control Device
Datasheet
SMSC EMC6D100/EMC6D101
Page 13
Rev. 09-09-04
DATASHEET
10k
10k
12V
Tach
Output
from Fan
4.7k
TACH
Input
FIGURE 3.3 - FAN TACHOMETER CIRCUITRY (APPLY TO EACH FAN)
OUT
OUT
REMOTE2-
REMOTE2+
100pF
5%
100V
NPO
603
1
2
2
3
MMBT3904
XSTR
1
FIGURE 3.4 - REMOTE DIODE (APPLY TO REMOTE2 LINES)
Notes:
100pf cap is optional and should be placed close to the EMC6D100/EMC6D101 if used.
The voltage at PWM3 must be at least 2.0V to avoid triggering Address Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com