Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3528LSESK/J3 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA3528LSESK/J3
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528LSESK/J3 Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3528LSESK/J3 Datasheet HTML 1Page - Kingbright Corporation AA3528LSESK/J3 Datasheet HTML 2Page - Kingbright Corporation AA3528LSESK/J3 Datasheet HTML 3Page - Kingbright Corporation AA3528LSESK/J3 Datasheet HTML 4Page - Kingbright Corporation AA3528LSESK/J3 Datasheet HTML 5Page - Kingbright Corporation AA3528LSESK/J3 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAN8369
REV NO: V.2A
DATE: MAR/09/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1201008904
Selection Guide
Notes:
1.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2.Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Note:
1.1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 2mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
Hyper Red (AlGaInP)
Water Clear
120
180
120
°
*
30
*
50
AA3528LSESK/J3
Parameter
Hyper Red
Units
Power dissipation
105
mW
DC Forward Current
50
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
640
nm
IF=2mA
λD [1]
Dominant Wavelength
Hyper Red
625
nm
IF=2mA
Δλ1/2
Spectral Line Half-width
Hyper Red
20
nm
IF=2mA
C
Capacitance
Hyper Red
27
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
1.8
2.1
V
IF=2mA
IR
Reverse Current
Hyper Red
10
uA
VR=5V
Min.
1.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com