Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMCI-0603-R10 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASMCI-0603-R10
Description  SMD Multilayer Chip Inductor for Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMCI-0603-R10 Datasheet(HTML) 2 Page - Abracon Corporation

  ASMCI-0603-R10 Datasheet HTML 1Page - Abracon Corporation ASMCI-0603-R10 Datasheet HTML 2Page - Abracon Corporation ASMCI-0603-R10 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASMCI-0603
RoHS
Compliant
SMD Multilayer Chip Inductor for Choke
1.60 x 0.8 x 0.8mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.08.13
Visit
www.abracon.com for Terms & Conditions of Sale
ASMCI-0603 -
-
Inductance Code
Please refer to the
table above
Tolerance
M: ±20%
N: ±30%
Packaging
T: Tape and Reel
(4kpcs / reel)
PART IDENTIFICATIONS:
OUTLINE DRAWING:
Dimension: mm [inch]
Recommended Land Pattern
Dimension: mm
L
W
T
a
1.60±0.15
[0.063±0.006]
0.8±0.15
[0.031±0.006]
0.8±0.15
[0.031±0.006]
0.3±0.2
[0.012±0.008]
A
B
C
0.60~0.80
0.60~0.80
0.60~0.80
Part Name
Material
1
Base Material
2
Internal Conductor
Ag
3
Pull out Electrode
Ag
4
Terminal Electrode
Ag (Inner layer)
Ni-Sn (Outer layer)
Side View
Top View
1
2
3
4
MATERIALS:
Ferrite



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com