Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMCI-0603-R22 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASMCI-0603-R22
Description  SMD Multilayer Chip Inductor for Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMCI-0603-R22 Datasheet(HTML) 3 Page - Abracon Corporation

  ASMCI-0603-R22 Datasheet HTML 1Page - Abracon Corporation ASMCI-0603-R22 Datasheet HTML 2Page - Abracon Corporation ASMCI-0603-R22 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASMCI-0603
RoHS
Compliant
SMD Multilayer Chip Inductor for Choke
1.60 x 0.8 x 0.8mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.08.13
Visit
www.abracon.com for Terms & Conditions of Sale
Δ
Preheat condition: 150 ~200˚C /60~120sec.
Δ Allowed time above 217˚C: 60~90sec.
Δ Max temp: 260˚C
Δ Max time at max temp: 10sec.
Δ Solder paste: Sn/3.0Ag/0.5Cu
Δ Allowed Reflow time: 2x max
REFLOW PROFILE:
Packing
T: 4,000pcs / reel
A
B
P
T(max)
1.0±0.2
1.8±0.2
4.0±0.1
1.1
Dimension: mm
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com